Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5000 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # TP5000
Description  Redundant hardware: inputs, outputs,clock, power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TP5000 Datasheet(HTML) 1 Page - Microsemi Corporation

  TP5000 Datasheet HTML 1Page - Microsemi Corporation TP5000 Datasheet HTML 2Page - Microsemi Corporation TP5000 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Key Features
• Redundant hardware: inputs, outputs,
clock, power
• Hardware-based packet processing
• User configurable PTP profiles
• Supports the latest ITI-T PTP profiles
including ITU-T G.8265.1, ITU-T
G.8275.1, and is ITU-T G.8275.2 ready
• ITU-T G.8272 Primary Reference Time
Clock
• Synchronous Ethernet support with
optical SFPs
• Single or dual GNSS inputs with GPS
and Beidou options
• Input source priority auto-switching
• PTP and carrier grade NTP server
(optional)
• PTP probe for PDV measurement
(optional)
• Managed remotely and locally via CLI,
or optional SNMP
Key Benefits
• Fully interoperable with standards-
based clients
• Highly scalable PTP grandmaster
supports 1000 PTP clients at full 128
messages per second rate
• No performance degradation as client
capacity grows
• Simultaneously supports both PTP and
NTP elements in your network
• Capabilities grow with TimeProvider
Expansion products
Applications
• Wireless Ethernet Backhaul
• 3G and 4G / LTE
• Circuit Emulation Services (CES)
• Passive Optical Networks (PON)
• Femto Cells and Small Cells
• IPTV (NTP option)
TimeProvider® 5000 is an IEEE 1588-
2008 standard compliant Grandmaster
Clock with a carrier grade design that
provides high client capacity, hardware-
based packet processing and redundant
hardware to deliver scalable performance
and maximum network availability. When
locked to a GPS input, the TimeProvider
5000 meets the applicable performance
requirements of the ITU-T G.8272 standard
for a Primary Reference Time Clock (PRTC).
With dual Input/Output Clock cards in
active and standby mode, TimeProvider
5000 ensures there is no impact on
client performance when failover occurs.
Redundant cards provide protection
far superior to “network redundancy”
models where clients must re-acquire
synchronization from a different
grandmaster somewhere else in the
network.
Protection of input clock source has become
increasingly important. TimeProvider
5000's new IMC card has support for dual
GPS inputs. In addition, TimeProvider 5000
supports auto-switching of input source
between E1/T1 and GPS based on clock
quality level and user priority settings.
TimeProvider 5000, with hardware-based
time stamping and packet processing,
delivers high client capacity at full rates
-up to 128 messages per second -with
Page 1 of 3
TimeProvider® 5000
IEEE 1588-2008 PTP Grandmaster Clock
performance that does not degrade as the
number of clients increases.
TimeProvider 5000 supports user
configurable PTP profiles; the selection
includes default, telecom-2008, ITU-T
G.8265.1, ITU-T G.8275.1, and hybrid
profiles. Support for multiple standard
profiles ensures full interoperability with
clients in multi-vendor environments.
Synchronous Ethernet output is also
supported with full traceability and ESMC
support.
With optional NTP server capability,
TimeProvider 5000 supports the multiple
vendors and protocols found at mobile
network base station sites. Both PTP and
NTP protocols operate simultaneously with
PTP-based and NTP-based clients. The
two ports of an IOC card can be separately
configured, one for PTP and one for NTP,
allowing the standby IOC card to protect for
both protocols. NTP capacity is up to 20,000
transactions per second (TPS), and PTP
capacity remains at up to 1000 clients.
TimeProvider 5000 serves as the initial unit
in a “rack and stack” configuration with
TimeProvider Expansion products. These
units add capabilities to the TimeProvider
portfolio. Each Time Provider Expansion10
adds 16 Ethernet ports that support SyncE
as well as PTP, while each TimeProvider
Expansion30 adds 12 E1 and 12 1PPS/TOD
ports.
DATA SHEET


Similar Part No. - TP5000

ManufacturerPart #DatasheetDescription
logo
Billiton Ltd.
TP5000 ASIC-TP5000 Datasheet
557Kb / 14P
2 A 4 - D LIthIum Battery / 3.6 V iron battery charger
logo
Shenzhenshi YONGFUKANG ...
TP5000 YONGFUKANG-TP5000 Datasheet
427Kb / 14P
2A switch type 4.2V lithium battery / 3.6V iron lithium battery charger
More results

Similar Description - TP5000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9310A MAXIM-MAX9310A Datasheet
176Kb / 11P
1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
logo
Analog Devices
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK954 AD-ADCLK954 Datasheet
350Kb / 12P
Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. A
logo
Level One
IFP-0801 LVL1-IFP-0801 Datasheet
235Kb / 3P
Redundant power inputs with Terminal Block and DC Jack
IFP-0802 LVL1-IFP-0802 Datasheet
235Kb / 3P
Redundant power inputs with Terminal Block
IGP-0101 LVL1-IGP-0101 Datasheet
235Kb / 2P
Redundant power inputs with Terminal Block
IGP-0801 LVL1-IGP-0801 Datasheet
243Kb / 3P
Redundant power inputs with Terminal Block
IGP-0802 LVL1-IGP-0802 Datasheet
243Kb / 3P
Redundant power inputs with Terminal Block
logo
Analog Devices
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. A to Rev. B
ADCLK954 AD-ADCLK954_16 Datasheet
386Kb / 12P
Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com