Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C52RC Datasheet(PDF) 60 Page - STCmicro Technology Co,.Ltd

Part # STC89C52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C52RC Datasheet(HTML) 60 Page - STCmicro Technology Co,.Ltd

Back Button STC89C52RC Datasheet HTML 56Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 57Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 58Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 59Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 60Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 61Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 62Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 63Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 64Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 165 page
background image
LJMP addr16
Function:
Long Jump
Description:
LJMP causes an unconditional branch to the indicated address, by loading the high-order
and low-order bytes of the PC (respectively) with the second and third instruction bytes. The
destination may therefore be anywhere in the full 64K program memory address space. No
flags are affected.
Example:
The label “JMPADR” is assigned to the instruction at program memory location 1234H. The
instruction,
LJMP JMPADR
at location 0123H will load the program counter with 1234H.
Bytes:
3
Cycles:
2
Encoding:
0 0 0 0
0 0 1 0
addr15-addr8
addr7-addr0
Operation:
LJMP
(PC) ← addr
← addr
addr
15-0
MOV
<dest-byte> , <src-byte>
Function:
Move byte variable
Description:
The byte variable indicated by the second operand is copied into the location specified by the
first operand. The source byte is not affected. No other register or flag is affected.
This is by far the most flexible operation. Fifteen combinations of source and destination
addressing modes are allowed.
Example:
Internal RAM location 30H holds 40H. The value of RAM location 40H is 10H. The data
present at input port 1 is 11001010B (0CAH).
MOV
R0, #30H
;R0< = 30H
MOV
A, @R0
;A < = 40H
MOV
R1, A
;R1 < = 40H
MOV
B, @Rl
;B < = 10H
MOV
@Rl, Pl
;RAM (40H) < = 0CAH
MOV
P2, P1
;P2 #0CAH
leaves the value 30H in register 0,40H in both the Accumulator and register 1,10H in register
B, and 0CAH(11001010B) both in RAM location 40H and output on port 2.
MOV A,Rn
Bytes:
1
Cycles:
1
Encoding:
1 1 1 0
1 r r r
Operation:
MOV
(A) ← (Rn)
← (Rn)
(Rn)
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com