Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C52RC Datasheet(PDF) 73 Page - STCmicro Technology Co,.Ltd

Part # STC89C52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C52RC Datasheet(HTML) 73 Page - STCmicro Technology Co,.Ltd

Back Button STC89C52RC Datasheet HTML 69Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 70Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 71Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 72Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 73Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 74Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 75Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 76Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 77Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 165 page
background image
SETB
<bit>
Function:
Set bit
Description:
SETB sets the indicated bit to one. SETB can operate on the carry flag or any directly
addressable bit. No other flags are affected
Example:
The carry flag is cleared. Output Port 1 has been written with the value 34H (00110100B).
The instructions,
SETB
C
SETB
P1.0
will leave the carry flag set to 1 and change the data output on Port 1 to 35H (00110101B).
SETB
C
Bytes:
1
Cycles:
1
Encoding:
1 1 0 1
0 0 1 1
Operation:
SETB
(C) ← 1
← 11
SETB
bit
Bytes:
2
Cycles:
1
Encoding:
1 1 0
1
0 0 1 0
bit address
Operation:
SETB
(bit) ← 1
← 11
SJMP rel
Function:
Short Jump
Description:
Program control branches unconditionally to the address indicated. The branch destination is
computed by adding the signed displacement in the second instruction byte to the PC, after
incrementing the PC twice. Therefore, the range of destinations allowed is from 128bytes
preceding this instruction to 127 bytes following it.
Example:
The label “RELADR” is assigned to an instruction at program memory location 0123H. The
instruction,
SJMP
RELADR
will assemble into location 0100H. After the instruction is executed, the PC will contain the
value 0123H.
(Note: Under the above conditions the instruction following SJMP will be at 102H.Therefore,
the displacement byte of the instruction will be the relative offset (0123H - 0102H) = 21H.
Put another way, an SJMP with a displacement of 0FEH would be an one-instruction infinite
loop).
Bytes:
2
Cycles:
2
Encoding:
1 0 0 0
0 0 0 0
rel. address
Operation:
SJMP
(
PC) ← (PC)+2
← (PC)+2
(PC)+2
(PC) ← (PC)+rel
← (PC)+rel
(PC)+rel
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com