Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-V21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS-V21
Description  DUAL DIGITAL FIBER SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS-V21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS-V21 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS-V21 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS-V21 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS-V21 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
DUAL DIGITAL FIBER
SENSOR
FS-V21/21G/21R(P)/21X
Instruction Manual
1. Safety Precautions
WARNING
• This product is used to detect targets. Do not apply the product to
safety circuits for human protection.
• This product is not of explosion-proof construction. Do not use the
products in places with flammable gas, liquid, or dust.
• This product is a sensor of DC power supply type. Do not apply AC
power. The product may explode or burn if 100 VAC or a higher volt-
age is applied.
Check that all the accessories are ready before use.
• Accessories
Instruction manual (x 1)
Mounting bracket (x 1)
2. Part Names
Operation indicator*
Digital monitor
Preset value (PV)
green indicator
Current value (CV)
red indicator
Dust cover
Fiber lock lever
Set button
Manual button
Mode button
Expansion
protective cover
Expansion
connector
Output selector
Cable
3. Mounting Unit
G DIN Track Mounting
1) As shown in the illustration, engage
the claw on the lower side of the
unit and the DIN rail, press the unit
in the direction shown by arrow
➀,
and move down the unit in the di-
rection shown by arrow
➁.
2) When dismounting the unit, press
the unit in the direction shown by
arrow
➀ and move up the unit in
the direction shown by arrow
➂.
G Using Mounting Bracket (accessory)
• Attach the unit to the mounting
bracket, mount them together, and
secure them with two M3 screws
as shown in the illustration.
???
96M0746
4. Connecting Fiber Unit
Fiber insertion sign
1) Open the dust cover in the di-
rection shown by arrow
➀.
2) Move down the fiber lock lever
in the direction shown by arrow
➁.
3) Insert a fiber unit into the fiber
insertion holes to a length of the
fiber insertion sign (i.e., approxi-
mately 14 mm).
4) Move up and return the fiber
lock lever in the direction shown
by the arrow
➃.
Note:If a thin fiber unit is used, an adapter provided with the thin fiber unit
will be required.
Unless the right adapter is connected, the thin fiber unit will not
detect targets correctly.
Cable outer dia.
Adapter
Appearance
ø1.3
Adapter A
ø1.0
Adapter B
• To connect the coaxial reflective type fiber unit to the amplifier, connect
the single-core fiber to the transmitter side, and connect the multiple-
core fiber to the receiver side.
Single-core fiber
Multi-core fiber
Transmitter
Receiver
5. I/O Cricuit
Refer to the following I/O circuit diagram when connecting the unit to pe-
ripheral devices.
G FS-V21/21G/21R/21X
G FS-V21RP
Max. 100 mA
0 VDC
12 to 24 VDC
Control output
Brown
Blue
Black
Load
5 to 40 VDC
Max. 100 mA
0 VDC
12 to 24 VDC
Control output
Brown
Blue
Black
Load
* The operation indicator of the FS-V21X (infrared model) will not be lit.


Similar Part No. - FS-V21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS-002 ETC2-FS-002 Datasheet
128Kb / 2P
FUEL SENDERS
logo
TE Connectivity Ltd
FS-01 TEC-FS-01 Datasheet
130Kb / 2P
FS Series Flow Sensor
FS-02 TEC-FS-02 Datasheet
129Kb / 2P
FS Series Flow Sensor
06/2017
FS-05 TEC-FS-05 Datasheet
133Kb / 2P
FS Series Flow Sensor
06/2017
logo
TOKYO KEISO CO.,LTD.
FS-100 KEISO-FS-100 Datasheet
152Kb / 8P
FS-100
Sep 2022
More results

Similar Description - FS-V21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
Digital Fiber Sensors
logo
List of Unclassifed Man...
DP-100 ETC2-DP-100 Datasheet
2Mb / 16P
Dual Display Digital Pressure Sensor For Gas
logo
Omron Electronics LLC
E3X-DA8-S OMRON-E3X-DA8-S Datasheet
5Mb / 34P
Digital Fiber Sensors
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
Digital Fiber Sensors
E3X-DA11-S OMRON-E3X-DA11-S Datasheet
5Mb / 34P
Super Dual Fiber Sensor
logo
List of Unclassifed Man...
FX-101P-CC2 ETC2-FX-101P-CC2 Datasheet
5Mb / 16P
Digital Fiber Sensor FX-100 SERIES
DP-101A-N ETC2-DP-101A-N Datasheet
2Mb / 16P
Dual Display Digital Pressure Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
OPTICAL FIBER SENSOR
logo
Panasonic Semiconductor
FX-301-F7 PANASONIC-FX-301-F7 Datasheet
618Kb / 6P
Digital Fiber Sensor for Leak Detection / Liquid Detection Fibers Only
logo
List of Unclassifed Man...
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
Digital Fiber Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com