Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-V21 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS-V21
Description  DUAL DIGITAL FIBER SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS-V21 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS-V21 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS-V21 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS-V21 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS-V21 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
9. Key Lock
The key lock function disables the operation of all keys.
Indicates that the
keys are locked.
Press the manual button for
three seconds while pressing
the mode button.
• Take the same step to unlock the keys.
10. Mode Settings before Shipping (Initialization)
The following factory settings are made before shipping.
EASY
FINE
OFF
Light-ON
Access mode
Power mode
Timer function
Output selection
* Returning to factory settings: Press the
button for a minimum of
five seconds while pressing the
button.
11. Hints On Correct Use
• To extend the cable length, use a cable with at least a 0.3 mm2 cross-
section area. Limit the length of cable extension to no more than 100 m.
(To connect several units, contact Keyence for further information.)
• Do not wire the amplifier line along with power lines or high-tension
lines, or otherwise the sensor may malfunction or receive damage due
to noise.
• When using a commercially available switching regulator, ground the
frame ground terminal and ground terminal.
• Do not use the FS series outdoors, or in a place where extraneous light
can enter the light receiving surface directly.
• Due to the individual dispersion of characteristics and the difference in
fiber unit model, the maximum sensing distance or displayed value of
all the units are not the same.
• If the sensor is used in S-APC mode for a long time, the LED indicators
will be imposed with a heavy load. In that case, the sensor will be auto-
matically set to ACC mode where the current consumption of the sen-
sor for light emission will be constant, and “END APC” will be displayed.
The sensor can be continuously used in this case. Replace the sensor,
however, if highly precise detection is required.
12. Specifications
Model
Light source
Response time
Display shift function
Timer function
Control output
Supply voltage
Current consumption
Ambient illumination
Ambient temperature
Relative humidity
Vibration
Shock resistance
Housing material
Size
Weight
FS-V21*1
FS-V21G
FS-V21R (P) FS-V21X*1
Red LED
Greed LED 4-element red LED Infrared (950 nm)
250
µs (FINE)/500µs (TURBO)/1ms (SUPER TURBO)/
4ms (ULTRA TURBO)/500
µs (HIGH RESOLUTION)/
50
µs (HIGH SPEED)
Max.
±1999 (variable)
Timer OFF, OFF-delay timer, ON-delay timer, and one-
shot timer (1 to 500 ms)
NPN open collector with 100 mA max at 40 V with a
max*2, Residual voltage of 1 V.
DC12-24V
±10% with a maximum ripple (peak to peak)
of 10%
Incandescent lamp: 20,000
Rx max.
Sunlight: 30,000
Rx max.
-10
°C to 55°C (No freezing)
35% to 85% RH (No condensation)
10 to 55 Hz, 1.5-mm double amplitude,
each in X, Y, and Z directions for two hours
500 m/s2 Three times each in X, Y, and Z directions
Unit and cover are both polycarbonate made
W 9 mm x L70 mm x H 30 mm
Approximately 80 g (including 2-m cable)
Mode
S-APC
mode OFF
580 mW
480 mW
430 mW
650 mW
530 mW
480 mW
S-APC mode turned ON or when
the HIGH SPEED mode is selected.
720 mW
600 mW
550 mW
720 mW
600 mW
550 mW
Normal
ECO half
ECO all
Normal
ECO half
ECO all
Model
Other than
R model
R model
*1. The model is sold only in Japan. Consult your KEYENCE representa-
tive if the model is required outside Japan.
*2. The maximum current will be 20 mA in the case of expansion.
13. List of Digital Display Items
Preset value/Current value display
Output selection (Dark ON)
Output selection (Light-ON)
Access mode selection (EASY)
Access mode selection (FULL)
Excess gain display
LED bar display
Hold display
Power mode selection (FINE)
Power mode selection (TURBO)
Power mode selection (SUPER TURBO)
Power mode selection (ULTRA TURBO)
Power mode selection (HIGH SPEED)
Power mode selection (HIGH RESOLUTION)
Timer function setting (Timer OFF)
Timer function setting (OFF-delay timer)
Timer function setting (ON-delay timer)
Timer function setting (One-shot timer)
S-APC mode setting (S-APC OFF)
S-APC mode setting (S-APC ON)
Edge detection mode (OFF)
Edge detection mode (Rising edge)
Edge detection mode (Falling edge)
ECO mode setting (ECO mode OFF)
ECO mode setting (ECO half)
ECO mode setting (ECO all)
Shift function setting (Shift OFF)
Shift function setting (Shift ON)
Key lock setting
Key unlock
Forecast maintenance warning (END APC)
WARRANTIES (MUST ACCOMPANY THE PRODUCTS): KEYENCE, at its sole
option, will refund, repair or replace at no charge any defective Products within
1year from the date of shipment. Unless stated otherwise herein, the Products
should not be used internally in humans, for human transportation, as safety
devices or fail-safe systems. EXCEPT FOR THE FOREGOING, ALL EXPRESS,
IMPLIED, AND STATUTORY WARRANTIES, INCLUDING WARRANTIES OF
MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE AND NON-IN-
FRINGEMENT OF PROPRIETARY RIGHTS, ARE EXPRESSLY DISCLAIMED.
KEYENCE SHALL NOT BE LIABLE FOR ANY DIRECT, INDIRECT, INCIDENTAL,
CONSEQUENTIAL OR OTHER DAMAGES, EVEN IF DAMAGES RESULT FROM
THE USE OF THE PRODUCTS IN ACCORDANCE WITH ANY SUGGESTIONS OR
INFORMATION PROVIDED BY KEYENCE. In some jurisdictions, some of the
foregoing warranty disclaimers or damage limitations may not apply.
KEYENCE CORPORATION
1-3-14, Higashi-Nakajima, Higashi-Yodogawa-ku,
Osaka, 533-8555, Japan
PHONE: +81-6-6379-2211 FAX: +81-6-6379-2131
AFFILIATED COMPANIES
KEYENCE CORPORATION OF AMERICA
PHONE: 201-930-0100
FAX: 201-930-0099
KEYENCE DEUTSCHLAND GmbH
PHONE: 06102-36 89-0
FAX: 06102-36 89-100
KEYENCE (UK) LIMITED
PHONE: 01908-696900
FAX: 01908-696777
KEYENCE FRANCE S.A.
PHONE: 01 47 92 76 76
FAX: 01 47 92 76 77
KEYENCE SINGAPORE PTE LTD.
PHONE: 6392-1011 FAX: 6392-5055
KEYENCE (MALAYSIA) SDN BHD
PHONE: 03-252-2211
FAX: 03-252-2131
KEYENCE (THAILAND) CO., LTD.
PHONE: 02-369-2777
FAX: 02-369-2775
KEYENCE TAIWAN CO., LTD.
PHONE: 02-2627-3100
FAX: 02-2798-8925
KEYENCE (HONG KONG) CO., LTD.
PHONE: 3104-1010 FAX: 3104-1080
KEYENCE INTERNATIONAL TRADING
(SHANGHAI) CO., LTD.
PHONE: 021-68757500
FAX: 021-68757550
KEYENCE KOREA CORPORATION
PHONE: 02-563-1270
FAX: 02-563-1271
Printed in Japan



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com