Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2603 Datasheet(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2603
Description  HIgh-Performance Current Model PWM Switch Power Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2603 Datasheet(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2603 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2603 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2603 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2603 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2603 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW2603 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SW2603
SAMWIN 绿色电源的最佳选择 HTTP://WWW.SEMIPOWER.COM.CN
第 3 页 共 6 页
SW2603-CN-02
内部框图
极限参数
项目
数值
供电电压VCC
16V
启动输入电压
16V
引脚输入电压
VCC+0.3V
OC集电极承受电压
-0.3--700V
峰值开关电流
300mA
总耗散功率
1000mW
工作温度范围
0--+125℃
储存温度范围
-55--+150℃
焊接温度
+126℃, 10S
推荐工作条件



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com