Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2603 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2603
Description  HIgh-Performance Current Model PWM Switch Power Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2603 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2603 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2603 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2603 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2603 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2603 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW2603 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SW2603
SAMWIN 绿色电源的最佳选择 HTTP://WWW.SEMIPOWER.COM.CN
第 1 页 共 6 页
SW2603-CN-02
高性能电流模式 PWM 开关电源控制器
概述
SW2603是一款高性能电流模式PWM 控制器。专为高性价比AC/DC 转换器设计。在85V-256V 的
宽电压范围内提供高达5W 的连续输出功率。该电源控制器可工作于典型的反激电路拓扑中,构成简洁的
AC/DC转换器。IC 内部的启动电路被设计成一种独特的电流吸入方式,可利用功率开关管本身的放大作
用完成启动,这显著地降低了启动电阻的功率消耗;而在输出功率较小时IC 将自动降低工作频率,从而
实现了极低的待机功耗。在功率管截止时,内部电路将功率管反向偏置,直接利用了双极型晶体管的CB 高
耐压特性,大幅提高功率管的耐电压能力直到700V 的高压,这保证了功率管的安全。IC 内部还提供了完
善的防过载防饱和功能,可实时防范过载、变压器饱和、输出短路等异常状况,提高了电源的可靠性。IC
内部还集成了一个2.5V 的电压基准,为时钟电路提供精确的供电电压,而时钟频率则可由外部定时电容
进行设定。
特点
内置700V高压功率开关管,极少的外围器件
锁存脉宽调制,逐脉冲限流检测
低输出降频功能,无输出功耗可低于0.15W
内置斜坡与反馈补偿功能
独立上限电流检测控制器,实时处理控制器的过流、过载
关断周期发射极反偏压,提高了功率管的耐压
内置具有温度补偿的电流限制电阻,精确电流限制
内置热保护电路
利用开关功率管的放大作用完成启动,启动电阻的功耗减少10倍以上
低启动和工作电流、过压自动限制
宽电压输出功率可达5W,窄电压输出功率可达8W
应用
引脚图
小功率AC/DC开关电源
 手机、MP3、MP4充电器
 绿色节能型家电外部电源
 小功率适配器


Similar Part No. - SW2603

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW26000 SUNNYWAY-SW26000 Datasheet
417Kb / 1P
Telecom & Industry stationary battery
SW26000E SUNNYWAY-SW26000E Datasheet
379Kb / 1P
Photovaltaic & wind power battery
SW26000E SUNNYWAY-SW26000E_17 Datasheet
482Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW26000 SUNNYWAY-SW26000_1 Datasheet
354Kb / 1P
Telecom & Industry stationary battery
SW26000 SUNNYWAY-SW26000_17 Datasheet
523Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW2603

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
logo
Billiton Ltd.
TP1001 ASIC-TP1001 Datasheet
517Kb / 12P
High Performance Current Model PWM / PFM Switch Power Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com