Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC2921 Datasheet(PDF) 2 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC2921
Description  Voltage Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC2921 Datasheet(HTML) 2 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC2921 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Datasheet
December, 2013 Rev. 1.2
2/13
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Voltage Mode PWM Controller
SDC2921
Pin Configuration
VIN+
VIN-
V5
V33
PT
V12
VCC
1
2
3
4
16
15
13
RT
GND
C2
C1
DET
PG
REM
12
11
9
5
6
7
8
SS
OPOUT 14
10
Package: DIP-16
Figure 2. Pin Configuration
Pin Number
Pin Name
Function
1
V33
OVP/UVP input for 3.3V
2
V5
OVP/UVP input for 5V
3
V12
OVP/UVP input for 12V
4
PT
Extra OVP protection input
5
GND
Ground
6
RT
Oscillation frequency set by external resistor
7
C1
PWM open drain output 1
8
C2
PWM open drain output 2
9
REM
Remote on/off input
10
SS
Soft start function set by external capacitor
11
PG
Power good signal
12
DET
Extra protection input
13
VCC
Supply voltage
14
OPOUT
OP output
15
VIN-
OP negative input
16
VIN+
OP positive input
Table 1. Pin Description
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com