Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC2921 Datasheet(PDF) 11 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC2921
Description  Voltage Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC2921 Datasheet(HTML) 11 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDC2921 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 11Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 12Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 13Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Datasheet
December, 2013 Rev. 1.2
11/13
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Voltage Mode PWM Controller
SDC2921
Typical Application
R1
R3
R4
C2
R5
C3
R6
C4
R13
R11
R12
R10
R9
R8
R7
C5
C6
C7
R2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C1
+12V
+5V
VCC
+5V
PG
REMOTE
VCC
VCC
OUT1
OUT2
+12V
+5V
+3.3V
Figure 8. Typical Application
In some application power systems, adding an external resistor (R6) could reduce the peak value spike from the
environments to pin 9 (REM) and avoid pin 9 (REM) damaged by the external noise.
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com