Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8059CE Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8059CE
Description  10 Channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8059CE Datasheet(HTML) 3 Page - Sipex Corporation

  SP8059CE Datasheet HTML 1Page - Sipex Corporation SP8059CE Datasheet HTML 2Page - Sipex Corporation SP8059CE Datasheet HTML 3Page - Sipex Corporation SP8059CE Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ADVANCED
SP8059
Rev 0.7e (05-17-05)
SP8059 Ten-Channel Photo detector IC
Copyright 2005 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-408-934-7500.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
3 of 4
16-PIN ORGANIC LEADLESS CHIP CARRIER (OLCC) PACKAGE DIMENSIONS
Dimensions, millimeters
Dim.
Min.
Nom.
Max.
A
0.85
0.96
1.07
A1
0.36 ref
A2
0.25
0.30
0.35
A3
0.6 ref
A4
1.15
1.31
1.47
A5
0.54
0.68
0.82
A6
0.48
0.57
0.66
b
0.2
0.25
0.3
D
4.9
5.0
5.1
D1
4.3
4.4
4.5
D2
3.4 ref
E
3.9
4.0
4.1
E1
3.3
3.4
3.5
E2
2.4ref
e
0.5 BSC
L
0.5
0.6
0.7
J
3.5 BSC
Location of the photo detectors in a package
X0 = 0 ± 50µm
Y0 = 0 ± 50µm
Z0 (A6) = 570 ± 90µm
Θ = 0 ± 1.0
0
Optical center stability X, Y to
package soldering reference in any
radial direction at overall operational
temperature and life time ………
Optical center stability Z to package
soldering reference over operational
temperature range, including optical
window properties …
Tilt to optical surface die with respect
to soldering reference …………
< TBD
< TBD
< 1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com