Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8059CE Datasheet (PDF) - Sipex Corporation

SP8059CE Datasheet PDF - Sipex Corporation
Part # SP8059CE
Download  SP8059CE Download
File Size   77.11 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 10 Channel Photo Detector IC

SP8059CE Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8059CE Datasheet PDF - Sipex Corporation

Part # SP8059CE
Download  SP8059CE Click to download

File Size   77.11 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 10 Channel Photo Detector IC

SP8059CE Datasheet (HTML) - Sipex Corporation


SP8059CE Product details

GENERAL DESCRIPTION

The SP8059 is a ten-channel photo detector IC (PDIC) designed for new generation of Blu-Ray DVD and standard DVD/CD applications and can operate at wavelengths of 405, 650 and 780 nm. The device contains three photo diode (sensor) arrays, one of them with four identical sensors A – D and the other two with two sensors each (E, F and G, H respectively). The ten channels consist of four high speed channels (A, B,C, and D), four slow channels (E, F, G, and H), and two RF channel with paraphrase output (RF+ and RF-). The high speed channels output a signal from one of the sensors A – D. The E, F, G, and H channel outputs are used for servo control. The RF channels output is the sum of A + B+ C + D channels with identical weights given to all channels.



FEATURES

• Triple wavelength support: 405, 650 and 780nm

• 72MHz Data channel bandwidth at -1dB linearity

• Selectable gain and Power Down Mode

• Available in wafer form or 5.0 x 4.0 mm 16-pin OLCC package



APPLICATION

• 4X Blu-Ray Read/Write

• X16 DVD Read/Write

• X48 CD Read/Write




Similar Part No. - SP8059CE

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8053DG SIPEX-SP8053DG Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
More results


Similar Description - SP8059CE

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
10 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com