Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8053 Datasheet (PDF) - Sipex Corporation

SP8053 Datasheet PDF - Sipex Corporation
Part # SP8053
Download  SP8053 Download
File Size   91.17 Kbytes
Page   3 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 10 - Channel Photo Detector IC

SP8053 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8053 Datasheet PDF - Sipex Corporation

Part # SP8053
Download  SP8053 Click to download

File Size   91.17 Kbytes
Page   3 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 10 - Channel Photo Detector IC

SP8053 Datasheet (HTML) - Sipex Corporation


SP8053 Product details

GENERAL DESCRIPTION
The SP8053 is a 10-channel photo detector IC (PDIC) designed for DVD and CD recording applications and can operate at wavelengths of 650 and 780 nm. The device contains 20 photo detector elements, organized into six (sensor) arrays, four of them with four identical sensors (A – D, a – d, E1 – H1, and E2 - H2 respectively) and two with a two sensors (e, h and f, g).

FEATURES
• Dual wavelength 650 and 780nm
• 100MHz minimum Data channel bandwidth
• Built-in media switch
• Available in wafer form or 5.0 x 4.0 mm 16-pin OPLGA package

APPLICATION
• DVD and CD recording capability




Similar Part No. - SP8053

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8055 SIPEX-SP8055 Datasheet
23Kb / 2P
8 Channel, 140MHz Fully Integrated PDIC Receiver with 12 Gain settings
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
More results


Similar Description - SP8053

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
10 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8059 SIPEX-SP8059 Datasheet
77Kb / 4P
10 Channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com