Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8053 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8053
Description  10 - Channel Photo Detector IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8053 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8053 Datasheet HTML 1Page - Sipex Corporation SP8053 Datasheet HTML 2Page - Sipex Corporation SP8053 Datasheet HTML 3Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SP8053
Rev 0.3 (06-29-04) SP8053 10-Channel Photo Detector IC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE
OR COPY
page
2 of 3
PIN ASSIGNMENTS
Pin #
Pin Name
Pin Function
1
Vs
Reference voltage input. Bypass to GND with ceramic capacitor 0.1uF
2
SW1
Gain select input
3
SW2
Gain select input
4
H
Output of H channel (H1+H2 or h sensor output depending upon Select position )
5
G
Output of G channel (G1+G2 or g sensor output depending upon Select position )
6
F
Output of F channel (F1+F2 or f sensor output depending upon Select position )
7
E
Output of E channel (E1+E2 or e sensor output depending upon Select position )
8
Select
Mode switch input. High logic level selects DVD mode, low – CD mode
9
GND
Ground pin
10
A
Output of A channel (A or a sensor output depending upon Select position)
11
B
Output of B channel (B or b sensor output depending upon Select position)
12
RF-
Output of RF- channel. RF = -(A + B + C + D) or RF = -(a + b + c + d) depending
upon Select position
13
RF+
Output of RF+ channel. RF = A + B + C + D or RF = a + b + c + d depending upon
Select position
14
C
Output of C channel (C or c sensor output depending upon Select position)
15
D
Output of D channel (D or d sensor output depending upon Select position)
16
Vcc
Supply voltage. Bypass to GND with ceramic capacitor 0.1uF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com