Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8053 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8053
Description  10 - Channel Photo Detector IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8053 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8053 Datasheet HTML 1Page - Sipex Corporation SP8053 Datasheet HTML 2Page - Sipex Corporation SP8053 Datasheet HTML 3Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SP8053
Rev 0.3 (06-29-04) SP8053 10-Channel Photo Detector IC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE
OR COPY
page
1 of 3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vs
SW1
SW2
H
G
F
E
Select
Vcc
D
C
RF+
RF-
B
A
GND
SP8053
16-Pin
OPLGA
FEATURES
•
Dual wavelength 650 and 780nm
•
100MHz minimum Data channel bandwidth
•
Built-in media switch
•
Available in wafer form or
5.0 x 4.0 mm 16-pin OPLGA package
APPLICATION
•
DVD and CD recording capability
GENERAL DESCRIPTION
The SP8053 is a 10-channel photo detector IC (PDIC) designed for DVD and CD recording
applications and can operate at wavelengths of 650 and 780 nm. The device contains 20 photo
detector elements, organized into six (sensor) arrays, four of them with four identical sensors (A
– D, a – d, E1 – H1, and E2 - H2 respectively) and two with a two sensors (e, h and f, g).
Sensors A – D, E1 – H1, and E2 – H2 are used in DVD mode, and sensors a – d, e – g are
used in CD mode. The ten channels consist of four high speed channels (A, B, C, and D), four
slow channels (E, F, G, H), and two balanced differential RF channels. The high speed channel
outputs provide signals from one of the two sensor arrays (A – D or a – d), depending the
position of the media switch (Select pin). A high logic level at the Select pin selects DVD mode
(A – D sensors) while a low level selects CD mode (a – d sensors). The E - H channels output
is used for a servo control. In CD mode channels E – H provide signal from e – h sensors
respectively. In DVD mode these channels provide the signal that is sum of identically named
channels (i.e. E = E1 + E2, F = F1 + F2, etc) The RF channels output is sum of ± (A + B + C +
D) or ± (a + b + c + d) channels (depending upon Select level), with identical weights given to all
channels.
The SP8053 is manufactured with an advanced BICMOS technology.
10 - Channel Photo Detector IC


Similar Part No. - SP8053

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8055 SIPEX-SP8055 Datasheet
23Kb / 2P
8 Channel, 140MHz Fully Integrated PDIC Receiver with 12 Gain settings
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
More results

Similar Description - SP8053

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
10 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8059 SIPEX-SP8059 Datasheet
77Kb / 4P
10 Channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com