Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8052 Datasheet (PDF) - Sipex Corporation

SP8052 Datasheet PDF - Sipex Corporation
Part # SP8052
Download  SP8052 Download
File Size   112.9 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 12-channel Photo Detector IC

SP8052 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8052 Datasheet PDF - Sipex Corporation

Part # SP8052
Download  SP8052 Click to download

File Size   112.9 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 12-channel Photo Detector IC

SP8052 Datasheet (HTML) - Sipex Corporation


SP8052 Product details

GENERAL DESCRIPTION
The SP8052 is a twelve-channel photo detector IC (PDIC) specially designed for high speed DVD-RAM and DVD+/-RW applications and can operate at wavelengths of 650 and 780 nm. The device contains three photo diode (sensor) arrays, with each having four sensors (A – D, E – H, and I – L respectively). The twelve channels consist of four high speed channels (A, B, C, and D), four slow channels (EI, FJ, GK, and HL), two fast channels (WPP1 and WPP2), and two channels with paraphase output (RF+ and RF-). The slow channels output is the sum of signals from two sensors of different sensor arrays (E – H and I – L). The WPP1 and WPP2 channels output is sum of signals A + B and C + D sensors respectively, but at much lower gain (than at A – D outputs) to prevent amplifier saturation in write mode. The RF channels output is sum of A + B + C + D channels with identical weights. Low noise operation enables data recovery at very low signal levels.

FEATURES
• Dual wavelength 650 and 780nm
• Data channel bandwidth 140 MHz
• Three selectable gain settings
• Group delay error less than 1ns up to 86MHz
• 500V/us Slew rate
• Small 16-pin COB package

APPLICATION
• DVD-RAM with CD-RW capability
• DVD+/-RW with CD-RW capability
• Writable data storage optical devices




Similar Part No. - SP8052

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8053DG SIPEX-SP8053DG Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8055 SIPEX-SP8055 Datasheet
23Kb / 2P
8 Channel, 140MHz Fully Integrated PDIC Receiver with 12 Gain settings
More results


Similar Description - SP8052

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8057 SIPEX-SP8057 Datasheet
95Kb / 4P
High Speed 11-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
SP8067 SIPEX-SP8067 Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
logo
OSRAM GmbH
BPX65 OSRAM-BPX65 Datasheet
291Kb / 8P
High speed photo detector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com