Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8052 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8052
Description  High Speed 12-channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8052 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8052 Datasheet HTML 1Page - Sipex Corporation SP8052 Datasheet HTML 2Page - Sipex Corporation SP8052 Datasheet HTML 3Page - Sipex Corporation SP8052 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ADVANCED
SP8052
Rev 2.2 (12-04-03)
SP8052 – High Speed 12 Channel PDIC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, ADVANCED & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
1 of 4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vs
GND
GK
HL
EI
FJ
WPP1
WPP2
VCC
Gain
D
C
B
A
RF+
RF-
SP8052
16-Pin COB
FEATURES
•
Dual wavelength 650 and 780nm
•
Data channel bandwidth 140 MHz
•
Three selectable gain settings
•
Group delay error less than 1ns up to 86MHz
•
500V/us Slew rate
•
Small 16-pin COB package
APPLICATION
•
DVD-RAM with CD-RW capability
•
DVD+/-RW with CD-RW capability
•
Writable data storage optical devices
GENERAL DESCRIPTION
The SP8052 is a twelve-channel photo detector IC (PDIC) specially designed for high speed
DVD-RAM and DVD+/-RW applications and can operate at wavelengths of 650 and 780 nm.
The device contains three photo diode (sensor) arrays, with each having four sensors (A – D, E
– H, and I – L respectively). The twelve channels consist of four high speed channels (A, B, C,
and D), four slow channels (EI, FJ, GK, and HL), two fast channels (WPP1 and WPP2), and two
channels with paraphase output (RF+ and RF-). The slow channels output is the sum of signals
from two sensors of different sensor arrays (E – H and I – L). The WPP1 and WPP2 channels
output is sum of signals A + B and C + D sensors respectively, but at much lower gain (than at
A – D outputs) to prevent amplifier saturation in write mode. The RF channels output is sum of
A + B + C + D channels with identical weights. Low noise operation enables data recovery at
very low signal levels.
The SP8052 has a logic input for gain control that operate as a three-state logic input (Low, Mid,
and High states). These states are used to select three gain factors that affect all channels.
The SP8052 is manufactured with an advanced 10GHz BICMOS technology.
High Speed 12-channel Photo Detector IC


Similar Part No. - SP8052

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8053DG SIPEX-SP8053DG Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8055 SIPEX-SP8055 Datasheet
23Kb / 2P
8 Channel, 140MHz Fully Integrated PDIC Receiver with 12 Gain settings
More results

Similar Description - SP8052

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8057 SIPEX-SP8057 Datasheet
95Kb / 4P
High Speed 11-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
SP8067 SIPEX-SP8067 Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
logo
OSRAM GmbH
BPX65 OSRAM-BPX65 Datasheet
291Kb / 8P
High speed photo detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com