Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8051 Datasheet (PDF) - Sipex Corporation

SP8051 Datasheet PDF - Sipex Corporation
Part # SP8051
Download  SP8051 Download
File Size   66.99 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching

SP8051 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8051 Datasheet PDF - Sipex Corporation

Part # SP8051
Download  SP8051 Click to download

File Size   66.99 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching

SP8051 Datasheet (HTML) - Sipex Corporation


SP8051 Product details



The SP8051 is a high performance 8 channel PDIC with a fully integrated photo detector array ideally suited for high speed DVDRW, DVDRAM and CDRW systems. Responsivity is fully specified at wavelengths of 650nm and 780nm. The 8 channels consist of 4 high speed channels (A, B, C, D) for data detection as well as 4 tracking channels (E, F, G, H) for beam positioning requirements. Two additional outputs (RF+ and RF-) representing the sums of the high speed channels are also provided.



■Data channel bandwidth140MHz

■Settling Time: 9ns to 1% for 1.5V step

■Three selectable Gain Settings

■Group DelayError less than 2ns up to 70MHz

■Low Offset Drift of less than 20uV/ °C

■Low Offset Voltage of less than 10mV




Similar Part No. - SP8051

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8053DG SIPEX-SP8053DG Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8055 SIPEX-SP8055 Datasheet
23Kb / 2P
8 Channel, 140MHz Fully Integrated PDIC Receiver with 12 Gain settings
More results


Similar Description - SP8051

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8040 SIPEX-SP8040 Datasheet
23Kb / 2P
4 Channel, 100MHz Fully Integrated PDIC Receiver
SP8042 SIPEX-SP8042 Datasheet
51Kb / 5P
12 Channel, PDIC
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8055 SIPEX-SP8055 Datasheet
23Kb / 2P
8 Channel, 140MHz Fully Integrated PDIC Receiver with 12 Gain settings
logo
NXP Semiconductors
CGO869 PHILIPS-CGO869 Datasheet
60Kb / 8P
870 MHz optical receiver with integrated gain control
2003 Oct 22
logo
Espros Photonics corp
EPC111 EPC-EPC111 Datasheet
463Kb / 14P
Fully integrated standalone light barrier driver & receiver
logo
Texas Instruments
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
Fully Integrated Low IF Receiver
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com