Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8042 Datasheet (PDF) - Sipex Corporation

SP8042 Datasheet PDF - Sipex Corporation
Part # SP8042
Download  SP8042 Download
File Size   51.36 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 12 Channel, PDIC

SP8042 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8042 Datasheet PDF - Sipex Corporation

Part # SP8042
Download  SP8042 Click to download

File Size   51.36 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 12 Channel, PDIC

SP8042 Datasheet (HTML) - Sipex Corporation


SP8042 Product details

DESCRIPTION
The SP8042 is a seven channel photo detector IC (PDIC) designed for DVD-ROM and CD-ROM applications and can operate at wavelength of 650 and 780 nm. The device contains four photo diode (sensor) arrays, two of them with four identical sensors (A – D, and a - d respectively) and two with a single sensors (E, F). The seven channels consist of four high speed channels (Aa, Bb, Cc, and Dd), two slow channels (E, F), and one RF channel. The high speed channel output provides a signal from one of the two different sensor arrays (A – D or a – d) depending the position of the media switch (SW). A high logic level at the SW pin selects CD mode (A – D sensors) while a low level selects DVD mode (a – d sensors). The E and F channels output is used for a servo control. The RF channels output is sum of A + B + C + D or a + b + c + d channels (depending upon SW level) with identical weights given to all channels.

FEATURES
■ Dual Wave length 650 and 780nm
■ 55MHz Data Channel Bandwith
■ Built-in Media Switch
■ Available in Wafer Form or 5.0 x 4.0mm 16 Pin COB Package

APPLICATIONS
■ DVD Player




Similar Part No. - SP8042

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042DB SIPEX-SP8042DB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8042W SIPEX-SP8042W Datasheet
64Kb / 4P
7 Channel Photo Detector IC
More results


Similar Description - SP8042

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
PDIC for CD-R/RW
logo
Sipex Corporation
SP8040 SIPEX-SP8040 Datasheet
23Kb / 2P
4 Channel, 100MHz Fully Integrated PDIC Receiver
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8055 SIPEX-SP8055 Datasheet
23Kb / 2P
8 Channel, 140MHz Fully Integrated PDIC Receiver with 12 Gain settings
logo
Sony Corporation
CXA2726GA SONY-CXA2726GA Datasheet
290Kb / 37P
PDIC for DVD-RW and RAM
logo
List of Unclassifed Man...
CXA2674EM ETC1-CXA2674EM Datasheet
64Kb / 2P
Optical Pickup Chipset with Photodetector PDIC for Blue-Violet Laser Diodes
logo
Melexis Microelectronic...
MLX75012 MELEXIS-MLX75012 Datasheet
1Mb / 18P
10-Channel High-Speed Universal PDIC
logo
SparkFun Electronics
ROB-12221 SPARKFUN-ROB-12221 Datasheet
94Kb / 1P
Aluminum Channel - 12
2/15/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com