Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8042 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8042
Description  12 Channel, PDIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8042 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8042 Datasheet HTML 1Page - Sipex Corporation SP8042 Datasheet HTML 2Page - Sipex Corporation SP8042 Datasheet HTML 3Page - Sipex Corporation SP8042 Datasheet HTML 4Page - Sipex Corporation SP8042 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Rev. 4/10/03
SP8040, 12 Channel, PDIC
© Copyright 2003 Sipex Corporation
12 Channel, PDIC
SP8042
■ Suitable for dual wave length laser diode
■ Compact package
■ Optical light detector
■ 6x read speed for DVD
®
ADVANCED
FEATURES
APLICATIONS
■ DVD Player
VO2
VO1
SW
VRF
VO4
VO3
SP8042
12 Pin PDIC
GND
VE
VCC
VS
GND
VF
1
2
3
4
5
6
12
11
10
9
8
7


Similar Part No. - SP8042

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042DB SIPEX-SP8042DB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8042W SIPEX-SP8042W Datasheet
64Kb / 4P
7 Channel Photo Detector IC
More results

Similar Description - SP8042

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
PDIC for CD-R/RW
logo
Sipex Corporation
SP8040 SIPEX-SP8040 Datasheet
23Kb / 2P
4 Channel, 100MHz Fully Integrated PDIC Receiver
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8055 SIPEX-SP8055 Datasheet
23Kb / 2P
8 Channel, 140MHz Fully Integrated PDIC Receiver with 12 Gain settings
logo
Sony Corporation
CXA2726GA SONY-CXA2726GA Datasheet
290Kb / 37P
PDIC for DVD-RW and RAM
logo
List of Unclassifed Man...
CXA2674EM ETC1-CXA2674EM Datasheet
64Kb / 2P
Optical Pickup Chipset with Photodetector PDIC for Blue-Violet Laser Diodes
logo
Melexis Microelectronic...
MLX75012 MELEXIS-MLX75012 Datasheet
1Mb / 18P
10-Channel High-Speed Universal PDIC
logo
SparkFun Electronics
ROB-12221 SPARKFUN-ROB-12221 Datasheet
94Kb / 1P
Aluminum Channel - 12
2/15/2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com