Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8040 Datasheet (PDF) - Sipex Corporation

SP8040 Datasheet PDF - Sipex Corporation
Part # SP8040
Download  SP8040 Download
File Size   23.25 Kbytes
Page   2 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 4 Channel, 100MHz Fully Integrated PDIC Receiver

SP8040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8040 Datasheet PDF - Sipex Corporation

Part # SP8040
Download  SP8040 Click to download

File Size   23.25 Kbytes
Page   2 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 4 Channel, 100MHz Fully Integrated PDIC Receiver

SP8040 Datasheet (HTML) - Sipex Corporation


SP8040 Product details

DESCRIPTION
The SP8040 is a high performance 4 channel PDIC with a fully integrated photo detector array ideally suited for high speed DVDRW, DVDRAM and CDRW systems that incorporate separate paths for CD and DVD information. Responsivity is fully specified at 650nm. There are 4 high speed channels (A, B, C, D) for data detection and an additional output, VRF, representing the sum of the high speed channels.
The SP8040 is manufactured with an advanced, CMOS process that enables integration of onboard multiple photo detector arrays.

■ Data Channel Bandwidth100MHz
■ Two Selectable Gain Settings
■ Group Delay Error less than 1ns at 52MHz
■ Low Offset Drift of less than 40uV/ °C
■ Low Offset Voltage of less than 25mV
■ Low Noise - 77dB in Low Gain Mode




Similar Part No. - SP8040

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042 SIPEX-SP8042 Datasheet
51Kb / 5P
12 Channel, PDIC
SP8042DB SIPEX-SP8042DB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8042W SIPEX-SP8042W Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
10 Channel Photo Detector IC
More results


Similar Description - SP8040

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042 SIPEX-SP8042 Datasheet
51Kb / 5P
12 Channel, PDIC
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8055 SIPEX-SP8055 Datasheet
23Kb / 2P
8 Channel, 140MHz Fully Integrated PDIC Receiver with 12 Gain settings
logo
Espros Photonics corp
EPC110 EPC-EPC110 Datasheet
600Kb / 27P
Fully integrated configurable light barrier driver & receiver
EPC111 EPC-EPC111 Datasheet
463Kb / 14P
Fully integrated standalone light barrier driver & receiver
logo
Silicon Laboratories
SI4421 SILABS-SI4421 Datasheet
2Mb / 46P
Fully integrated
logo
Espros Photonics corp
EPC111 EPC-EPC111_17 Datasheet
582Kb / 14P
Fully integrated standalone light barrier driver & receiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
Fully Integrated Low IF Receiver
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com