Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8043 Datasheet (PDF) - Sipex Corporation

SP8043 Datasheet PDF - Sipex Corporation
Part # SP8043
Download  SP8043 Download
File Size   185.62 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 10 Channel Photo Detector IC

SP8043 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8043 Datasheet PDF - Sipex Corporation

Part # SP8043
Download  SP8043 Click to download

File Size   185.62 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 10 Channel Photo Detector IC

SP8043 Datasheet (HTML) - Sipex Corporation


SP8043 Product details

GENERAL DESCRIPTION
The SP8043 is a ten-channel photo detector IC (PDIC) designed for DVD and CD applications and can operate at wavelength of 650 and 780 nm. The device contains three photo diode (sensor) arrays, one of them with four identical sensors A – D and others with two sensors (E, F and G, H respectively). The ten channels consist of four high speed channels (A, B, C, and D), four slow channels (E, F, G, and H), and two RF channel with paraphase output (RF+ and RF-). The high speed channel output provides a signal from one of the sensors A – D. The E, F, G, and H channels output is used for servo control. The RF channels output is the sum of A + B + C + D channels with identical weights given to all channels.

FEATURES
• Dual wavelength 650 and 780nm
• 55MHz Data channel bandwidth (-1db point)
• Selectable gain and Power Down Mode
• Available in wafer form, 16-pin Clear-mold FlatPack (CFP) package, or 16-pin Flexible Land Grid Array (FLGA)

APPLICATION
• x4 DVD + R Read and write
• x2.4 DVD Dual layer write
• x4 DVD + RW Write
• x8 CD Read




Similar Part No. - SP8043

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8040 SIPEX-SP8040 Datasheet
23Kb / 2P
4 Channel, 100MHz Fully Integrated PDIC Receiver
SP8042 SIPEX-SP8042 Datasheet
51Kb / 5P
12 Channel, PDIC
SP8042DB SIPEX-SP8042DB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8042W SIPEX-SP8042W Datasheet
64Kb / 4P
7 Channel Photo Detector IC
More results


Similar Description - SP8043

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8059 SIPEX-SP8059 Datasheet
77Kb / 4P
10 Channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com