Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8058 Datasheet (PDF) - Sipex Corporation

SP8058 Datasheet PDF - Sipex Corporation
Part # SP8058
Download  SP8058 Download
File Size   102.29 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 10-channel Photo Detector IC

SP8058 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8058 Datasheet PDF - Sipex Corporation

Part # SP8058
Download  SP8058 Click to download

File Size   102.29 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 10-channel Photo Detector IC

SP8058 Datasheet (HTML) - Sipex Corporation


SP8058 Product details

GENERAL DESCRIPTION
The SP8058 is a ten channel photo detector IC (PDIC) specially designed for high speed DVDRAM and DVD-RW applications and can operate at wavelength of 650 and 780 nm. The ten channels consist of four high speed channels (A, B, C, and D), two average speed channels (EF and GH), two slow channels (SAD and SBC), and two channels with balanced differential output (RF+ and RF-). The EF and GH channels output is sum of signals from E + F and G + H sensors respectively. The RF channels output is sum of A + B + C + D + EF + GH channels with identical weights.

FEATURES
• Dual wavelength 650 and 780nm
• Data channel bandwidth 130 MHz
• Eleven selectable gain settings covering 42dB range
• Group delay error less than 1ns up to 72MHz
• Slew rate up to 400V/us
• Small 16-pin OPLGA package

APPLICATION
• DVD-RAM with CD-RW capability
• DVD-RW with CD-RW capability
• Writable data storage optical devices




Similar Part No. - SP8058

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8053DG SIPEX-SP8053DG Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
More results


Similar Description - SP8058

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
10 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8057 SIPEX-SP8057 Datasheet
95Kb / 4P
High Speed 11-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8059 SIPEX-SP8059 Datasheet
77Kb / 4P
10 Channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
SP8067 SIPEX-SP8067 Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com