Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8067 Datasheet (PDF) - Sipex Corporation

SP8067 Datasheet PDF - Sipex Corporation
Part # SP8067
Download  SP8067 Download
File Size   96.15 Kbytes
Page   3 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 11-channel Photo Detector IC

SP8067 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8067 Datasheet PDF - Sipex Corporation

Part # SP8067
Download  SP8067 Click to download

File Size   96.15 Kbytes
Page   3 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 11-channel Photo Detector IC

SP8067 Datasheet (HTML) - Sipex Corporation


SP8067 Product details

GENERAL DESCRIPTION
The SP8067 is an eleven-channel photo detector IC (PDIC) specially designed for high speed DVD-RAM and DVD+/-RW applications and can operate at wavelengths of 650 and 780 nm. The device contains three photo diode (sensor) arrays, with each having four sensors (A – D, E – H, and I – L respectively). The eleven channels consist of four high speed channels (A, B, C, and D), four slow channels (EI, FJ, GK, and HL), two fast summing channels with differential output (RF+ and RF-), and one additional WRF channel. The four slow channels output is the sum of signals from two sensors of the same sensor array (E + I, F + J, G + K, and H + L). The WRF channels output is four times the sum of A + B + C + D channels, while the output signal of differential channels RF+ and RF- is only 0.5 of this sum.

FEATURES
• Dual wavelength 650 and 780nm
• Data channel bandwidth 130 MHz
• Selectable gain settings
• Group delay error 1ns up to 86MHz
• 250V/µs Slew rate
• Small 16-pin OPLGA package

APPLICATION
• DVD-RAM with CD-RW capability
• DVD+/-RW with CD-RW capability
• Writable data storage optical devices




Similar Part No. - SP8067

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8062DG SIPEX-SP8062DG Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064CG1 SIPEX-SP8064CG1 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
More results


Similar Description - SP8067

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8057 SIPEX-SP8057 Datasheet
95Kb / 4P
High Speed 11-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
logo
OSRAM GmbH
BPX65 OSRAM-BPX65 Datasheet
291Kb / 8P
High speed photo detector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com