Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8064CG1 Datasheet (PDF) - Sipex Corporation

SP8064CG1 Datasheet PDF - Sipex Corporation
Part # SP8064CG1
Download  SP8064CG1 Download
File Size   130.48 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 10-channel Photo Detector IC

SP8064CG1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8064CG1 Datasheet PDF - Sipex Corporation

Part # SP8064CG1
Download  SP8064CG1 Click to download

File Size   130.48 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 10-channel Photo Detector IC

SP8064CG1 Datasheet (HTML) - Sipex Corporation


SP8064CG1 Product details

GENERAL DESCRIPTION
The SP8064 is a ten-channel photo detector IC (PDIC) designed for DVD and CD applications operating at wavelengths of 650 and 780 nm. The device contains three photo diode (sensor) arrays, one of them with four identical sensors A – D and the other two with two sensors (E, F and G, H respectively). The ten channels consist of four high speed channels (A, B, C, and D), four slow channels (E, F, G, and H), and two RF channel with balanced differential outputs (RF+ and RF-). Channels A through D are high bandwidth data channels, while E through H are used to generate tracking information. The RF channels output the sum of A + B + C + D channels with identical weights given to all channels.

FEATURES
• Dual wavelength 650nm and 780nm
• Data channel bandwidth 120 MHz (-3dB)
• Nine selectable gain settings
• Group delay error less than 0.5ns up to 72MHz
• 6ns settling time
• 16-pin Molded FLGA package

APPLICATION
• x16 DVD +R Read and Write
• x12 DVD +RW Read and Write
• x4 DVD Dual layer write
• X48 CD Read
• X48 CD-R Write




Similar Part No. - SP8064CG1

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8062DG SIPEX-SP8062DG Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8067 SIPEX-SP8067 Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
SP8067DG SIPEX-SP8067DG Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
More results


Similar Description - SP8064CG1

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
10 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8057 SIPEX-SP8057 Datasheet
95Kb / 4P
High Speed 11-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8059 SIPEX-SP8059 Datasheet
77Kb / 4P
10 Channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8067 SIPEX-SP8067 Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com