Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8067 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8067
Description  High Speed 11-channel Photo Detector IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8067 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8067 Datasheet HTML 1Page - Sipex Corporation SP8067 Datasheet HTML 2Page - Sipex Corporation SP8067 Datasheet HTML 3Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADVANCED
SP8067
Rev 0.0 (11-22-04)
SP8067 – High Speed 11-Channel PDIC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, ADVANCED & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
1 of 3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vs
GND
GK
HL
EI
FJ
SW1
SW2
VCC
WRF
D
C
B
A
RF+
RF-
SP8067
16-Pin
OPLGA
FEATURES
•
Dual wavelength 650 and 780nm
•
Data channel bandwidth 130 MHz
•
Selectable gain settings
•
Group delay error 1ns up to 86MHz
•
250V/
µs Slew rate
•
Small 16-pin OPLGA package
APPLICATION
•
DVD-RAM with CD-RW capability
•
DVD+/-RW with CD-RW capability
•
Writable data storage optical devices
GENERAL DESCRIPTION
The SP8067 is an eleven-channel photo detector IC (PDIC) specially designed for high speed
DVD-RAM and DVD+/-RW applications and can operate at wavelengths of 650 and 780 nm.
The device contains three photo diode (sensor) arrays, with each having four sensors (A – D, E
– H, and I – L respectively). The eleven channels consist of four high speed channels (A, B, C,
and D), four slow channels (EI, FJ, GK, and HL), two fast summing channels with differential
output (RF+ and RF-), and one additional WRF channel. The four slow channels output is the
sum of signals from two sensors of the same sensor array (E + I, F + J, G + K, and H + L). The
WRF channels output is four times the sum of A + B + C + D channels, while the output signal
of differential channels RF+ and RF- is only 0.5 of this sum.
The SP8067 has two logic inputs for gain control that operate as tri-state logic input (Low, Mid,
and High states). These states are used to select gain factors that affect all channels. The
WRF channel is active only during Write Modes, while the RF+ and RF- channels are active
only during Read Modes. If not active, the WRF channel is in tri-state (Hi-Z) mode, while the RF
channels are fixed at their respective reference voltages (2.0v for RF+ and 3.0v for RF-
channel).
The SP8067 is manufactured with an advanced 10GHz BICMOS technology.
High Speed 11-channel Photo Detector IC


Similar Part No. - SP8067

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8062DG SIPEX-SP8062DG Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064CG1 SIPEX-SP8064CG1 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
More results

Similar Description - SP8067

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8057 SIPEX-SP8057 Datasheet
95Kb / 4P
High Speed 11-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
logo
OSRAM GmbH
BPX65 OSRAM-BPX65 Datasheet
291Kb / 8P
High speed photo detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com