Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8067 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8067
Description  High Speed 11-channel Photo Detector IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8067 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8067 Datasheet HTML 1Page - Sipex Corporation SP8067 Datasheet HTML 2Page - Sipex Corporation SP8067 Datasheet HTML 3Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ADVANCED
SP8067
Rev 0.0 (11-22-04)
SP8067 – High Speed 11-Channel PDIC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, ADVANCED & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
2 of 3
PIN ASSIGNMENTS
Pin #
Pin Name
Pin Function
1
Vs
Reference voltage. Bypass to GND with ceramic capacitor 0.1uF
2
GND
Ground pin
3
GK
Output of GK channel (sum of G + K sensor signals)
4
HL
Output of HL channel (sum of H + L sensor signals)
5
EI
Output of EI channel (sum of E + I sensor signals)
6
FJ
Output of FJ channel (sum of F + J sensor signals)
7
SW1
Logic input of Gain Controller. Allows three states – low, high, and middle
8
SW2
Logic input of Gain Controller. Allows three states – low, high, and middle
9
RF-
Output of RF- channel. RF- = - 0.5 x (A + B +C + D)
10
RF+
Output of RF+ channel. RF+ = 0.5 x (A + B + C + D)
11
A
Output of A channel
12
B
Output of B channel
13
C
Output of C channel
14
D
Output of D channel
15
WRF
Output of WRF channel. WRF = 4 x (A + B + C + D)
16
VCC
Supply voltage. Bypass to GND with ceramic capacitor 0.1uF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com