Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8042 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8042
Description  12 Channel, PDIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8042 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8042 Datasheet HTML 1Page - Sipex Corporation SP8042 Datasheet HTML 2Page - Sipex Corporation SP8042 Datasheet HTML 3Page - Sipex Corporation SP8042 Datasheet HTML 4Page - Sipex Corporation SP8042 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Rev. 4/10/03
SP8040, 12 Channel, PDIC
© Copyright 2003 Sipex Corporation
Supply Voltage, VCC ......................................... 6.0V
Output Voltage
(This rating applies to VO1, VO2, VO3,
VO4, VE and VF) ................................................... VCC
Operating Temperature, TOPR ............. -30 to +80°C
Storage Temperature, TSTG ............... -40 to +100°C
Unless otherwise noted: VCC = 5V, VS = 2.1V, RL = 10kΩ (VRF:Open), CL = 10pF
PARAMETER
SYMBOL CONDITION
MIN.
TYP.
MAX.
UNIT
APPLICABLE
TERMINALS
3.3 Electro-optical characteristics 1: 100% inspection items (VCC = 5V, VS = 2.1V, RL = 10kΩ (VRF:Open), CL =
10pF, TA = 25°C)
Supply Current
ICC
--
23
30
mA
VCC
Output off-set voltage 1
VOD1
Specified by voltage difference
-25
0
+25
mV
VO1 to VO4
with VS
Output off-set voltage 2
VOD2
Specified by voltage difference
-25
0
+25
mV
VE, VF
with VS
Output off-set voltage 3
VOD3
GND reference
1.1
1.4
1.7
V
VRF
Extremes of off-set
∆ VOD1
VO1 - VO2
-15
0
+15
mV
VO1, VO2
voltage
∆ VOD2
VO3 - VO4
-15
0
+15
mV
VO3, VO4
∆ VOD3
VE - VF
-15
0
+15
mV
VE, VF
3.4 Electro-optical characteristics 2: Sampled; not 100% tested (VCC = 5V, VS = 2.1V, RL = 10kΩ [VRF:Open],
CL = 10pF, Unespecified TA = 25°C)
Maximum output voltage 1
VOH1
-
3.8
-
-
V
VO1 to VO4
Maximum output voltage 2
VOH2
-
3.8
-
-
V
VRF
Output noise level 1
VN1
f = 18MHz, BW = 30kHz
-
-72
-67
dBm
VO1 to VO4
Output noise level 2
VN2
f = 18MHz, BW = 30kHz
-
-62
-57
dBm
VRF
Input Emitting Peak Wave Length Λ
Λ
Λ
Λ
Λ = 780nm
Sensitivity 1 (Note 3,4)
Rp1
-
23.8
34.0
44.2
mV/µWVO1 to VO4
Sensitivity 2 (Note 3,4)
Rp2
-
62.3
89.0
115.7
mV/µWVE, VF
Sensitivity 3 (Note 3,4)
Rp3
-
41.7
59.5
77.4
mV/µWVRF
Response Frequency 1
fc1
-3dB
23
34
-
mHz
VO1 to VO4
(Note 4,5,6)
Response Frequency 2
fc2
-3dB
23
34
-
mHz
VO1 to VO4
(Note 4,5,6)
Response Frequency 3
fc3
-3dB
1
2
-
mHz
VE, VF
(Note 4,5,6)
Sensitivity Rresponse 1
∆ Rp1
f = 1 to 18 MHz
-0.1
+0.1
+2.0
dB
VO1 to VO4
(Note 4, 6)
Sensitivity Rresponse 2
∆ Rp2
f = 1 to 18 MHz
-0.1
+0.1
+2.0
dB
VRF
(Note 4, 6)
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
Unless otherwise noted: TA = 25°C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
VCC recommended operating voltage 1
VCC
4.5
5.0
5.5
V
VS recommended operating voltage 2
VS
2.0
2.1
2.2
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com