Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8042 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8042
Description  12 Channel, PDIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8042 Datasheet(HTML) 3 Page - Sipex Corporation

  SP8042 Datasheet HTML 1Page - Sipex Corporation SP8042 Datasheet HTML 2Page - Sipex Corporation SP8042 Datasheet HTML 3Page - Sipex Corporation SP8042 Datasheet HTML 4Page - Sipex Corporation SP8042 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Rev. 4/10/03
SP8040, 12 Channel, PDIC
© Copyright 2003 Sipex Corporation
PARAMETER
SYMBOL CONDITION
MIN.
TYP.
MAX.
UNIT
APPLICABLE
TERMINALS
Peaking 1 (Note 4, 6)
∆ Rp3
Reference at 1MHz
-
-
+3.0
dB
VO1 to VO4
Peaking 2 (Note 4, 6)
∆ Rp4
Reference at 1MHz
-
-
+3.0
dB
VRF
Group Delay Deviation 1
tgd1
f = 1 to 18MHz
-
4.0
9.0
ns
VO1 to VO4
(Note 4,6)
Group Delay Deviation 2
tgd2
f = 1 to 18MHz
-
4.0
9.0
ns
VRF
(Note 4,6)
Input Emitting Peak Wave Length λ
λλ
λλ=650nm
Sensitivity 4 (Note 3,4)
Rp4
-
18.9
27.0
35.1
mV/µWVO1 to VO4
Sensitivity 5 (Note 3,4)
Rp5
-
50.8
72.5
94.3
mV/µWVE, VF
Sensitivity 6 (Note 3,4)
Rp6
-
33.1
47.0
61.5
mV/µWVRF
Response Frequency 4
fc4
-3dB
25
36
-
MHz
VO1 to VO4
(Note 4,5,6)
Response Frequency 5
fc5
-3dB
25
36
-
MHz
VRF
(Note 4, 6)
Response Frequency 6
fc6
-3dB
1
2
-
MHz
VE, VF
(Note 4,5,6)
Sensitivity Rresponse 3
∆ Rp5
f = 1 to 18 MHz
-0.1
+2.0
+3.0
dB
VO1 to VO4
(Note 4, 6)
Sensitivity Rresponse 4
∆ Rp6
f = 1 to 18 MHz
-0.1
+2.0
+3.0
dB
VRF
(Note 4, 6)
Peaking 3 (Note 4, 6)
∆ Rp7
Reference at 1MHz
-
-
+4.0
dB
VO1 to VO4
Peaking 4 (Note 4, 6)
∆ Rp8
Reference at 1MHz
-
-
+4.0
dB
VRF
Grop Delay Deviation 3
tgd3
f = 1 to 18MHz
-
4.0
9.0
ns
VO1 to VO4
(Note 4,6)
Grop Delay Deviation 4
tgd4
f = 1 to 18MHz
-
4.0
9.0
ns
VRF
(Note 4,6)
Notes:
3.) 30 µm and 5 µW of DC lights applied to center of each photodiode under conditions defined as ?
output voltage at above conditions defined as Vp and the output voltage at dark VOD , the sensitivity
Rp is given by using the following formula: Rp = (Vp-VOD) / 5µW
4.) Laser diode light source, l = 780nm or 650nm.
5.) Frequency when sensitivity is 3dB, based on sensitivity at f=1MHz.
6.) 30µm and 10µW of DC light plus 4µW peak to peak of AC light applied to the center of each
photodiode. BW = 10kHz.
For VRF measurment, the signal light is irradiated on photodiode A and VRF measured.
ELECTRICAL SPECIFICATIONS: Continued



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com