Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8051 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP8051
Description  8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8051 Datasheet(HTML) 4 Page - Sipex Corporation

  SP8051 Datasheet HTML 1Page - Sipex Corporation SP8051 Datasheet HTML 2Page - Sipex Corporation SP8051 Datasheet HTML 3Page - Sipex Corporation SP8051 Datasheet HTML 4Page - Sipex Corporation SP8051 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Rev. 4/29/03
SP8051, 8 Channel, 140MHz PDIC Receiver with Gain Switching
© Copyright 2003 Sipex Corporation
12 0
6.4
57.5
5
L
K
J
I
D
C
B
A
6.4
5
120
38.5
120
57.5
5
H
G
F
E
5
120
38.5
3.9 ± 0.1
3.7 ± 0.1
Detected
Surface
PIN NUMBER
NAME
1VREF
2
SW1
3
SW2
4
H+L
5
G+K
6F+J
7
E+I
8, 9
GND
10
A
11
B
12
RF-
13
RF+
14
C
15
D
16
VCC
PDIC (8ch + RF + GAIN - SW)
(12-divided detector)
Package Size (Unit:
µm)
0.35
16 - 0.25
P0.5 x 7 = 3.5
4 ± 0.1
1
16
4.9 ± 0.1
Package Size (Unit: mm)
PACKAGE: 16 PIN COB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com