Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8051 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8051
Description  8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8051 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8051 Datasheet HTML 1Page - Sipex Corporation SP8051 Datasheet HTML 2Page - Sipex Corporation SP8051 Datasheet HTML 3Page - Sipex Corporation SP8051 Datasheet HTML 4Page - Sipex Corporation SP8051 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Rev. 4/29/03
SP8051, 8 Channel, 140MHz PDIC Receiver with Gain Switching
© Copyright 2003 Sipex Corporation
PIN NUMBER
NAME
DESCRIPTION
1V
REF
Reference Voltage
2SW1
Gain Select 1
3SW2
Gain Select 2
4
H+L
Tracking Channel Sum
5G+K
Tracking Channel Sum
6F+J
Tracking Channel Sum
7
E+I
Tracking Channel Sum
8, 9
GND
Power Ground
10
A
Data Channel
11
B
Data Channel
12
RF-
RF Sum Minus (A to D)
13
RF+
RF Sum Plus (A to D)
14
C
Data Channel
15
D
Data Channel
16
V
CC
Supply Voltage
PIN DESCRIPTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com