Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-LC7-RFB-01H Datasheet(PDF) 4 Page - RFbeam Microwave GmbH

Part # K-LC7-RFB-01H
Description  radar transciever
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC7-RFB-01H Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

  K-LC7-RFB-01H Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 5Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 6Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 7Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LC7 | data sheet
12/2018 - Revision C | Page 4/7
This diagram shows module sensitivity in both azimuth
and elevation directions. It incorporates the transmitter
and receiver antenna characteristics.
-70
-60
-50
-40
-30
-20
-10
0
350°
340°
330°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
210°
200°
190°
180°
170°
160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
System diagram
Azimuth
Elevation
80°
34°
Pin No.
Type
Name
Description
Typical Value
X1,1
Supply
Vcc
Power supply
+3.2 to +5.5V
X1,2
Ground
GND
Ground
–
X1,3
Digital out
fDiv_out
Frequency divider output (fTX / 8192)
–
X2,1
Analog out
Out_I1
IF I (In-Phase) of Antenna Rx1
Load 1 kOhm
X2,2
Analog out
Out_Q1
IF Q (Quadrature) of Antenna Rx1
Load 1 kOhm
X2,3
Ground
GND
Ground
–
X2,4
Analog out
Out_Q2
IF Q (Quadrature) of Antenna Rx2
Load 1 kOhm
X2,5
Analog out
Out_I2
IF I (In-Phase) of Antenna Rx2
Load 1 kOhm
X2,6
Analog in
VCO_In
Voltage controlled oscillator input
0 to +5V
Table 1: Pin function description
Figure 2: Antenna characteristics
Figure 3: Pin configuration
PIN CONFIGURATION AND FUNCTIONS
Rx1
Rx2
Tx
ANTENNA SYSTEM DIAGRAM
38
28.8
A
0.7
X1 Pin1
(3x2.54)
X2 Pin1
(6x2.54)
D 1.4
A (4:1)
X1 Pin1
(3x2.54)
X2 Pin1
(6x2.54)
38
B
0.74
0.64
B (4:1)
D
C
B
6
5
4
3
2
1
2
1
4
3
5
B
A
C
7
8
E
F
7
6
E
D
Plotdate 12.02.2018
10
9
11
12
8
9
10
11
H
G
F
G
A
Drawing Nr.
A2
1 / 1
Blatt / Anz.
Project
Scale
2:1
Material
Tolerance
Format
Prepared
Reviewed
Object
Surface
RFbeam Microwave
Schuppisstrasse 7
9016 St. Gallen
Switzerland
State
Index
XX
YY
XX
YY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com