Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-LC7-RFB-01H Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # K-LC7-RFB-01H
Description  radar transciever
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC7-RFB-01H Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  K-LC7-RFB-01H Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 5Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 6Page - RFbeam Microwave GmbH K-LC7-RFB-01H Datasheet HTML 7Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LC7 | data sheet
12/2018 - Revision C | Page 1/7
PRODUCT INFORMATION
– Small and low cost 24 GHz transceiver
– Two Rx Antennas for angle measurement
– I/Q IF outputs
– Fully integrated low phase noise VCO
– Built in temperature compensation circuit for VCO stabilization
– Wide power supply range from 3.2 to 5.5V
– 3 × 4 patch antenna with 80°/34° beam aperture
– SMT type available on request
– Direction sensitive movement detection
– Security systems
– Home automation
– Indoor and outdoor lighting control applications
– Object speed measurement systems
– Ranging detection of moving objects using FSK
– Industrial sensors
The K-LC7 is a small and low cost radar module which allows
angle measurements. The module is operating in the 24.0 GHz
to 24.25 GHz ISM band and it has a built in low phase noise VCO,
which makes the module suitable for FSK or FMCW applications.
The internal temperature compensating circuit keeps the output
frequency stable over a wide temperature range.
IF outputs I and Q allow movement direction detection and high
performance signal processing.
The sensor has a 3 x 4 patch radar frontend with an asymmetrical
beam. The built-in voltage regulator covers a wide power supply
range from 3.2 to 5.5V. The module provides a frequency divided
output which can be used to measure the output frequency
of the VCO.
Features
Applications
Description
Block Diagram
data sheet
K-LC7
radar transciever
Figure 1: K-LC7 block diagram
Tx
Rx2
Rx1
f÷8192
Voltage Regulator
φ 90°
φ 90°
K-LC7
VCC
I1
I2
Q1
Q2
VCO in
f Div out


Similar Part No. - K-LC7-RFB-01H

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC1a RFBEAM-K-LC1a Datasheet
653Kb / 2P
Radar Evaluation Kit
K-LC1A_V2 RFBEAM-K-LC1A_V2 Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC1A_V4 RFBEAM-K-LC1A_V4 Datasheet
440Kb / 5P
DOPPLER TRANSCEIVER
K-LC1A_V4 RFBEAM-K-LC1A_V4 Datasheet
444Kb / 6P
RADAR TRANSCEIVER
More results

Similar Description - K-LC7-RFB-01H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRC1802 INFINEON-IRC1802 Datasheet
138Kb / 4P
VFIR 16 Mb/Sec Controller and Transciever
logo
ON Semiconductor
MC74ACT640 ONSEMI-MC74ACT640 Datasheet
89Kb / 6P
Octal 3?뭆tate Inverting Transciever
December, 2006 ??Rev. 3
logo
SICK AG
RAS407-2801100 SICK-RAS407-2801100 Datasheet
760Kb / 6P
RADAR SENSORS
2016-04-06
logo
ON Semiconductor
MC74ACT640 ONSEMI-MC74ACT640_15 Datasheet
77Kb / 6P
Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
logo
Integrated Device Techn...
IDT74ALVCH162245 IDT-IDT74ALVCH162245_16 Datasheet
99Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCIEVER
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245_16 Datasheet
97Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCIEVER
logo
RFbeam Microwave GmbH
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
RADAR TRANSCEIVER
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com