Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERAS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERAS
Description  Surface Mount Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERAS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERAS Datasheet HTML 1Page - Panasonic Semiconductor ERAS Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electronic Components Group
9
[ EIA Standard Resistance Values E-96 Tolerance *1% | E-24 Tolerance *5%, 0.5%, 0.1%
Appearance
Series
Case
Size
Power
Rating
(W)
Resistance
Range
Resistance
Tolerance
(%)
T.C.R.
(ppm/
dC)
LxWxT (mm)
Dimensions
Quantity
7” Reel
(pcs.)
Features
Ultra Precision
ERA-2A
0402
1/16 W
10 ~ 100K
* 0.1, 0.5
* 25
1.0 x 0.5 x 0.35
10,000
]
]
]
]
]
]
]
Small size and lightweight
High reliability
Low T.C.R. and current noise
Excellent non-linearity
Reflow & flow solderability
Meets ISO-9001 standards
High operating temperature
capability -55 to +155 for
ERA-2A, ERA-3A and ERA6A
types
ERA-3AEB
0603
1/10 W
47 ~ 330 K
* 0.1
* 25
1.6 x .80 x 0.45
5,000
ERA-6AEB
0805
1/8 W
47 ~ 1 M
2.0 x 1.25 x .5
ERA-3YEB
0603
1/10 W
100 ~ 33 K
1.6 x 0.8 x 0.45
EBA-6YEB
0805
1/8 W
100 ~ 100 K
2.0 x 1.25 x 0.5
ERA-14EB
1210
1/4 W
100 ~ 200 K
3.2 x 2.5 x 0.6
ERA-3AED
0603
1/10 W
47 ~ 330 K
* 0.5
* 25
1.6 x .80 x 0.45
ERA-6AED
0805
1/8 W
47 ~ 1 M
* 25
2.0 x 1.25 x .5
ERA-3AHD
0603
1/10 W
10 ~ 43
* 50
1.6 x .80 x 0.45
ERA-6AHD
0805
1/8 W
10 ~ 43
* 50
2.0 x 1.25 x .5
ERA-3Y_D
0603
1/10 W
10 ~ 330K
* 50, * 25, * 100
1.6 x 0.8 x 0.45
ERA-6Y_D
0805
1/8 W
10 ~ 1M
* 50, * 25, * 100
2.0 x 1.25 x 0.5
ERAS
0805
1 / 10 W
10 ~ 10 K
* 5
1500
* 200
2.0 x 1.25 x 0.5
5,000
]
]
Excellent linearity of tempera-
ture coefficient to resistance
value
Good for temperature com-
pensation circuit in applica-
tions such as VRM and/or PA
module
43 ~ 5.1 K
* 5
2700
* 10%
6.2 ~ 470
* 5
3900
* 10%
ERAV
0603
1 / 16 W
10 ~ 10 K
* 5
1500
* 200
1.6 x 0.8 x 0.45
5,000
43 ~ 3.3 K
* 5
2700
* 10%
7.5 ~ 390
* 5
3900
* 10%
ERAW
0402
1 / 32 W
43 ~ 1K
* 5
2700
* 10%
1.0 x 0.5 x 0.35
10,000
22 ~ 390
3300
* 10%
Chip Attenuator
EXB-24AT
0404
1 / 25 W
Package
Attenuation
Range
1 ~ 5 dB
6 ~ 10 dB
Attenuation
Tolerance
* 0.3 dB
* 0.5 dB
Characteristic
Impedance
50
o
1.0 x 1.0 x 0.35
]
]
High density of resistors in
single array chip
Improved placement effi-
ciency (2 to 4 times greater)
compared to flat chip type
resistors
ERA-38V
0603 x 4
Convex Term
1 / 16 W
Element
100K~220K
1K~100K
0.5
0.1, 0.25
* 25
3.2 x 1.6 x 0.5
EXB-14V
0201 x 2
Convex Term
1 / 32 W
10 ~ 1 M
* 5
* 200 x
10
-6
/
dC
1 - 10
o:
* 600/-100x10
-6/dC
0.8 x 0.6 x 0.35
EXB-18V
0201 x 4
Flat Term
1 / 32 W
10 ~ 1 M
* 5
1.4 x 0.6 x 0.35
EXB-N8V
0402 x 4
Concave Term
1 / 32 W
1 ~ 1 M
* 5
2.0 x 1.0 x 0.45
EXB-24V
0402 x 2
Convex Term
1 / 16 W
1 ~ 1 M
* 5
* 1
upon request
10 - 1 M :
* 200
10 > :
-100 - + 600
1.0 x 1.0 x 0.35
EXB-28V
0402 x 4
Convex Term
1 / 32 W
2.0 x 1.0 x 0.35
EXB-2HV
0402 x 8
Convex Term
1 / 16 W
Element
3.8 x 1.6 x 0.45
5,000
EXB-34V
0603 x 2
Convex Term
1.6 x 1.6 x 0.50
EXB-38V
0603 x 4
Convex Term
3.2 x 1.6 x 0.50
EXB-V4V
0603 x 2
Concave Term
1.6 x 1.6 x 0.60
EXB-V8V
0603 x 4
Concave Term
3.2 x 1.6 x 0.60
EXB-S8V
0805 x 4
Concave Term
1 / 10 W
Element
10 ~ 1 M
5.08 x 2.2 x 0.70
2,500
EXB-D10C
1206
Concave Term
1 / 20 W
Element
47 ~ 1 M
* 5
* 200
3.2 x 1.6 x 0.55
5,000
]
]
High density placement for
digital signal applications:
8 bussed resistors for pull
up/down circuits
Superior mountability due to
unique concave terminal
EXB-E10C
1608
Concave Term
1 / 16 W
Element
4.0 x 2.1 x 0.55
4,000
EXB-A10P
2512
Concave Term
1 / 16 W
Element
6.4 x 3.1 x 0.55
EZA-CT
0805
R = 1 / 32 W
C = 12 V
Combination of R and C
R = 10, 22, 47, 100, 220, 470, 1K
o
C = 10, 22 pF
2.0 x 1.25 x 0.55
5,000
] R-C filters for noise reduction
in an 0805, 1206 & 1608
package
EZA-DT
1206
R = 1 / 16 W
C = 12 V
Combination of R and C
R = 22, 47, 100, 220, 470, 1K
o
C = 22, 47 100 pF
3.2 x 1.6 x 0.65
5,000
EZA-ST
1608
R = 1 / 16 W
C = 25 V
4.0 x 2.1 x 0.65
4,000
EZAEG3A
0603
C = 0.05 pF
1.6 x .80 x 0.5
5,000
]
]
]
Good ESD suppression
Good ESD withstanding
Low capacitance
EZAEG2A
0402
C = 0.10 pF
1.0 x 0.5 x 0.38
10,000
EZAEGCA
0805
C = 0.25 pF (4 Per Pkg.)
2.6 x 1.85 x 0.5
5,000
2512 1608
1206
1210
1206
0805
0.1 %, 0.5 %
8R
4R
2R
0201
0402
5,000
10,000
Space saving design
using unbalanced pie-type
attenuator
]
10,000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com