Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERAS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERAS
Description  Surface Mount Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERAS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERAS Datasheet HTML 1Page - Panasonic Semiconductor ERAS Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
Resistors
Appearance
Series
Case
Size
Power
Rating
(W)
Resistance
Range
Resistance
Tolerance
(%)
T.C.R.
(ppm/
dC)
LxWxT
Dimensions
(mm)
Quantity
7” Reel
(pcs.)
Features
General
Purpose
5%, 1%
ERJ-XGNJ
01005
1 / 32 W
10 ~ 1 M
* 5
* 200
0.40 x 0.20 x 0.13
20,000
]
]
]
]
]
]
]
Small size and lightweight
High reliability using metal glaze thick
film resistive element and three layers of
electrodes
Compatible with automatic placement of
bulk taping and bulk case packaging
Reflow and flow solderability
Meets ISO-9001 & QS-9000 standards
Low resistance tolerance: ERJ-3E; 6E; 8E;
14, 12 series:
* 1%
NOTE:
Chip resistor 5% tolerance
Resistance Range
T.C.R.
(
o)
(ppm /
dC)
<10
-100 ~ +600
10 - 1 M
* 200
>1M
-400 ~ +150
ERJ-1GEJ
0201
1 / 20 W
1.0 ~ 1 M
* 5
0.60 x 0.3 x 0.23
15,000
ERJ-1GEF
10 ~ 1 M
* 1
ERJ-2GEJ
0402
1 / 16 W
1.0 ~ 2.2 M
* 5
1.0 x 0.5 x 0.35
10,000
ERJ-2RKF
10 ~ 1 M
* 1
* 100
ERJ-3GEYJ
0603
1 / 10 W
1.0 ~ 10 M
* 5
* 200
1.6 x 0.8 x 0.45
5,000
ERJ-3EKF
10 ~ 1 M
* 1
* 100
ERJ-6GEYJ
0805
1 / 8 W
1.0 ~ 10 M
* 5
* 200
2.0 x 1.25 x 0.6
5,000
ERJ-6ENF
10 ~ 2.2 M
* 1
* 100
ERJ-8GEYJ
1206
1 / 4 W
1.0 ~ 10 M
* 5
* 200
3.2 x 1.6 x 0.6
5,000
ERJ-8ENF
10 ~ 2.2 M
* 1
* 100
ERJ-14YJ
1210
1 / 4 W
1.0 ~ 10 M
* 5
* 200
3.2 x 2.5 x 0.6
5,000
ERJ-14NF
10 ~ 1 M
* 1
* 100
ERJ-12YJ
1812
1 / 2 W
1.0 ~ 10 M
* 5
* 200
4.5 x 3.2 x 0.6
5,000
ERJ-12NF
10 ~ 1 M
* 1
* 100
ERJ-12ZYJ
2010
1 / 2 W
1.0 ~ 10 M
* 5
* 200
5.0 x 2.5 x 0.6
5,000
ERJ-12SF
10 ~ 1 M
* 1
* 100
ERJ-1TYJ
2512
1 W
1.0 ~ 1 M
* 5
* 200
6.4 x 3.2 x 0.6
4,000
ERJ-1TNF
10 ~ 1 M
* 1
* 100
Current
Sensing
5%,1%
ERJ-2BWJ
0402
1 /8 W
0.047 ~ 0.091
* 5
* 300
1.0 x 0.5 x 0.35
10,000
]
]
]
]
]
]
Small size and lightweight
High reliability using metal glaze thick
film resistive elements and three layers
of electrodes
Compatible with automatic placement of
bulk taping and bulk case packaging
Reflow and flow solderability
Meets ISO-9001 & QS-9000 standards
Low resistance tolerance: ERJ-2R; 3R; 6R
series ...
*5%, *1%
ERJ-2BSJ
0.10 ~ 0.20
ERJ-2BQJ
0.22 ~ 1.0
* 250
ERJ-2BQF
* 1
ERJ-3RSJ
0603
1 / 10 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o
* 300
1.0 ~ 9.1
o
* 200
1.6 x 0.8 x 0.45
5,000
ERJ-3RQJ
0.22 ~ 0.91
ERJ-3RSF
0.1 ~ 0.2
* 1
ERJ-3RQF
0.22 ~ 9.1
ERJ-6RSJ
0805
1 / 8 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o
* 300
1.0 ~ 9.1
o
* 200
2.0 x 1.25 x 0.6
ERJ-6RQJ
0.22 ~ 0.91
ERJ-6RSF
0.1 ~ 0.2
* 1
ERJ-6RQF
0.22 ~ 9.1
ERJ-6BWF
1/4 W
10m ~ 50m
* 1
0.01 ~ 0.014
o
* 300
2.0 x 1.25 x 0.65
ERJ-6BWJ
* 5
0.015 ~ 0.05
o
* 200
ERJ-8BW
1206
1/2 W
0.01 ~ 0.1
* 1, 5
* 200 / * 150
3.2 x 1.6 x 0.6
ERJ-8RSJ
1206
1 / 4 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o
* 250
ERJ-8RQJ
0.22 ~ 9.1
ERJ-8RSF
0.1 ~ 0.2
* 1
1.0 ~ 9.1
o
* 200
ERJ-8RQF
0.22 ~ 9.1
ERJ-14RSJ
1210
1 / 4 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o
* 200
3.2 x 2.5 x 0.6
ERJ-14RQJ
0.22 ~ 0.91
ERJ-14RSF
0.1 ~ 0.2
* 1
1.0 ~ 9.1
o * 100
ERJ-14RQF
0.22 ~ 9.1
ERJ-12RSJ
1812
1 / 2 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o * 200
4.5 x 3.2 x 0.6
ERJ-12RQJ
0.22 ~ 0.91
ERJ-12RSF
0.1 ~ 0.2
* 1
1.0 ~ 9.1
o 100
ERJ-12RQF
0.22 ~ 9.1
ERJ-1TRSJ
2512
1 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o * 200
6.4 x 3.2 x 0.6
4,000
ERJ-1TRQJ
0.22 ~ 0.91
ERJ-1TRSF
0.1 ~ 0.2
* 1
1.0 ~ 9.1
o * 100
ERJ-1TRQF
0.22 ~ 0.91
Current
Sensing
(m
o)
5%, 1%
ERJ-L03
0603
1 / 10 W
47 ~ 100 milli.
* 5
* 200
1.6 x 0.8 x 0.45
5,000
]
]
]
]
]
]
Small size and lightweight
High reliability using metal glaze thick
film resistive elements and three layers
of electrodes
Compatible with automatic placement of
bulk taping and bulk case packaging
Reflow and flow solderability
Meets ISO-9001 & QS-9000 standards
Low resistance values for ERJ-L14; L12;
L1W series: 47 m
o ~ 100 mo
ERJ-L06
0805
1 / 8 W
47 ~ 100 milli.
* 5
* 100
2.0 x 1.25 x 0.6
5,000
ERJ-L08
1206
1/4 W
47 ~ 100 milli.
* 5
* 100
3.2 x 1.6 x 0.6
5,000
ERJ-L14KJ
1210
1/3 W
20 ~ 100 milli.
* 5
* 100
3.2 x 2.5 x 0.6
5,000
ERJ-L14KF
* 1
ERJ-L12KJ
1812
1/2 W
20 ~ 100 milli.
* 5
4.5 x 3.2 x 0.6
ERJ-L12KF
* 1
ERJ-L1D
2010
1/2 W
40 ~ 100 milli.
* 5
,47 milli: * 300
<47 milli: * 100
5.0 x 2.5 x 0.6
5,000
ERJ-L1WKJ
2512
1W
40 ~ 100 milli.
* 5
* 100
6.4 x 3.2 x 1.1
3,000
ERJ-L1WKF
* 1
ERJ-M1WT
2512
1W
1 ~ 4 milli.
* 5
1 ~ 2 m
o * 500
1 ~ 2 m
o * 500
6.4 x 3.2 x 0.8
3,000
]
]
]
Metal plate is used as resistance element
Reflow and flow solderability
ERJ-M1WT type is for heat dissipation
*1% tolerance for 1~2 mo available upon
request
ERJ-M1WTF
3 ~ 4 milli.
* 1
ERJ-M1WSJ
3 ~ 20 milli.
* 5
> 5 mo: * 100
, 5 mo: * 350
ERJ-M1WSF
* 1
ERJ-A1
2512
1.33W
10m ~ 10k
* 1, * 5
>100 mo, 1%: * 100
>100 mo, 5%: * 200
<100 m
o: * 350
6.4 x 3.2 x .55
4,000
]
]
High solder joint reliability
Excellent heat dissipation
ERJ-B1
2010
1W
5.0 x 2.5 x .55
5,000
ERJ-B2
1206
1/2 W
5m ~ 1M
5-9 m
o 1mo step
10m to 1m, E-24
3.2 x 1.6 x 0.65
5,000
2512
2010
1812
1210
1206
0805
0603
0201
0402
2512(M)
2512
1812
1210
2512
1812
1210
1206
0805
0603
0402
] Halogen Free


Similar Part No. - ERAS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERAS0805 PANASONIC-ERAS0805 Datasheet
95Kb / 4P
Metal Film Thermosensitive Chip Resistors
ERAS15J103V PANASONIC-ERAS15J103V Datasheet
95Kb / 4P
Metal Film Thermosensitive Chip Resistors
ERAS15J103X PANASONIC-ERAS15J103X Datasheet
95Kb / 4P
Metal Film Thermosensitive Chip Resistors
ERAS27J103V PANASONIC-ERAS27J103V Datasheet
95Kb / 4P
Metal Film Thermosensitive Chip Resistors
ERAS27J103X PANASONIC-ERAS27J103X Datasheet
95Kb / 4P
Metal Film Thermosensitive Chip Resistors
More results

Similar Description - ERAS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250375-4Y100-2 ANAREN-RFP-250375-4Y100-2 Datasheet
518Kb / 2P
Surface Mount Resistors
logo
American Accurate Compo...
CRL05R20FKM AAC-CRL05R20FKM Datasheet
119Kb / 1P
Low Ohm Surface Mount Chip Resistors
logo
Dubilier
RTF12102A DUBILIER-RTF12102A Datasheet
182Kb / 2P
SURFACE MOUNT SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
RTF12102A DUBILIER-RTF12102A_11 Datasheet
302Kb / 2P
SURFACE MOUNT SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
logo
Vishay Siliconix
RCWE1206R560FKEA VISHAY-RCWE1206R560FKEA Datasheet
86Kb / 4P
Thick Film Surface Mount Chip Resistors
18-Nov-13
logo
Dubilier
RTF DUBILIER-RTF Datasheet
302Kb / 2P
SURFACE MOUNT THIN FILM CHIP RESISTORS
logo
Vishay Siliconix
RCWE VISHAY-RCWE Datasheet
93Kb / 4P
Thick Film Surface Mount Chip Resistors,
07-Oct-15
logo
RFE international
LRMA RFE-LRMA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
RMT RFE-RMT Datasheet
4Mb / 4P
Surface Mount Resistors
05-JUL-2023
RMTUH RFE-RMTUH Datasheet
1Mb / 5P
Surface Mount Resistors
13-MAR-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com