Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8601R Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS8601R
Description  Dual N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8601R Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS8601R Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8601R Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8601R Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8601R Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8601R Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8601R Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FS8601R
Rev. 1.1
4/6
6.
Thermal Data
Symbol
Parameter
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
Max. 89
℃
/W
7.
Electrical Characteristics
Electrical Characteristics @Ta = 25℃ ( unless otherwise specified )
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 1mA
20
-
-
V
RDS(ON) 1
Static Drain-Source On-Resistance2
VGS = 4.5V, ID = 4A
-
17
23
mΩ
VGS = 4V, ID = 4A
-
18
24
VGS = 3.1V, ID = 4A
-
20
30
VGS = 2.5V, ID = 2A
-
24
35
VGS(th)
Gate Threshold Voltage
VDS =10, ID = 1mA
0.5
1.3
V
IDSS
Drain-Source Leakage Current (Tj = 25℃)
VDS =20V VGS = 0V
-
-
1
uA
IGSS
Gate-Source Leakage
VGS = ±8V VDS =0V
-
-
±
10
uA
Diode Characteristics
VSD 1
Diode Forward Voltage
ISD=6.5A,VGS=0V
0.75
1.2
V
Dynamic Characteristics 2
Ciss
Input Capacitance
VGS=0V,VDS=10V
Frequency=1MHz
1140
pF
Coss
Output Capacitance
420
Crss
Reverse Transfer Capacitance
190
td(on)
Turn-on Delay Time
VDS=10V,VGEN=4V,
RG=1kΩ ,RL=2,86Ω ,
ID=3.5A
425
ns
tr
Turn-on Rise Time
1500
td(off)
Turn-off Delay Time
4000
tf
Turn-off Rise Time
2860
Gate Charge Characteristics2
Qg
Total Gate Charge
VGS=10V,VDS=10V,
ID=6.5A
26.8
nC
Qgs
Gate-Source Charge
1.4
Qgd
Gate-Drain Charge
5.1
Notes:
1. Pulse width ≦ 300us, duty cycle ≦ 2%.
2. Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com