Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8601R Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS8601R
Description  Dual N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8601R Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS8601R Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8601R Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8601R Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8601R Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8601R Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8601R Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FS8601R
Rev. 1.1
5/6
8.
Typical Characteristics
On-Region characteristics @ Ta=20Deg
-5.000
0.000
5.000
10.000
15.000
20.000
25.000
0.00
0.50
1.00
1.50
2.00
Vds, Drain to Source Voltage ( V )
2.0V
2.5V
3.0V
3.5V
4.0V
4.5V
On-Region characteristics @ Ta=100Deg
-5.000
0.000
5.000
10.000
15.000
20.000
0.00
0.50
1.00
1.50
2.00
Vds, Drain to Source Voltage ( V )
2.0V
2.5V
3.0V
3.5V
4.0V
4.5V
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Normalized On-Resistance
Fig 4. Gate Threshold Variation with
Temperature
On-Resistance V.S. Gate Voltage @ Id=4A
15
20
25
30
35
40
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Vgs, Gate to Source Voltage ( V )
20 Deg
100 Deg
Fig 5. Forward Characteristic of Reverse Diode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com