Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS325C Datasheet(PDF) 8 Page - Fortune Semiconductor Corp.

Part # FS325C
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS325C Datasheet(HTML) 8 Page - Fortune Semiconductor Corp.

Back Button FS325C Datasheet HTML 4Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 5Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 6Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 7Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 8Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 9Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 10Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 11Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 12Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
9.
Absolute Maximum Ratings
(VSS=0V, Ta=25°C unless otherwise specified)
Item
Symbol
Rating
Unit
Input voltage between VDD and VSS *
VDD
VSS-0.3 to VSS+12
V
OC output pin voltage
VOC
VDD-26 to VDD+0.3
V
OD output pin voltage
VOD
VSS-0.3 to VDD+0.3
V
CSI input pin voltage
VCSI
VDD-26 to VDD+0.3
V
Operating Temperature Range
TOP
-40 to +85
°
C
Storage Temperature Range
TST
-40 to +125
°
C
Note: FS325 contains a circuit that will protect it from static discharge; but please take special care
that no excessive static electricity or voltage which exceeds the limit of the protection circuit
will be applied to it.
* Pulse (μsec) noise exceeding the above input voltage (VSS+12V) may cause damage to
the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com