Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS325C Datasheet(PDF) 21 Page - Fortune Semiconductor Corp.

Part # FS325C
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS325C Datasheet(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS325C Datasheet HTML 17Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 18Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 19Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 20Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 21Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 22Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 23Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 24Page - Fortune Semiconductor Corp. FS325C Datasheet HTML 25Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
11. Description of Operation
Normal Condition
If VODP<VCC<VOCP and VST<VCS<VOI1, M1 and
M2 are both turned on. The charging and
discharging processes can be operated normally.
Overcharge Protection
When the voltage of the battery cell exceeds the
overcharge protection voltage (VOCP) beyond the
overcharge delay time (TOC) period, charging is
inhibited by turning off of the charge control
MOSFET. The overcharge condition is released in
two cases:
The voltage of the battery cell becomes lower than
the overcharge release voltage (VOCR) through
self-discharge.
The voltage of the battery cell falls below the
overcharge protection voltage (VOCP) and a load is
connected.
When the battery voltage is above VOCP, the
overcharge condition will not release even a load is
connected to the pack.
Overdischarge Protection
When the voltage of the battery cell goes below the
overdischarge protection voltage (VODP) beyond
the overdischarge delay time (TOD) period,
discharging is inhibited by turning off the discharge
control MOSFET.
The default of overdischarge delay time is 100ms.
Inhibition of discharging is immediately released
when the voltage of the battery cell becomes higher
than overdischarge release voltage (VODR) through
charging.
Overcurrent Protection
In normal mode, the FS325 continuously monitors
the discharge current by sensing the voltage of CS
pin. If the voltage of CS pin exceeds the overcurrent
protection voltage (VOIP) beyond the overcurrent
delay time (TOI1) period, the overcurrent protection
circuit operates and discharging is inhibited by
turning off the discharge control MOSFET. The
overcurrent condition returns to the normal mode
when the load is released or the impedance between
BATT+ and BATT- is larger than 150kΩ. The FS325
provides two overcurrent detection levels (0.13V and
0.9V) with two overcurrent delay time (TOI1 and
TOI2) corresponding to each overcurrent detection
level.
Charge Detection after Overdischarge
When overdischarge occurs, the discharge control
MOSFET turns off and discharging is inhibited.
However, charging is still permitted through the
parasitic diode of MOSFET. Once the charger is
connected to the battery pack, the FS325
immediately turns on all the timing generation and
detection circuitry. Charging progress is sensed if
the voltage between CS and GND is below charge
detection threshold voltage (VST).
Power Down after Overdischarge
When overdischarge occurs, the FS325 will enter
into power-down mode, turning off all the timing
generation and detection circuitry to reduce the
quiescent current to 0.05μ A (VCC=2.0V). At the
same time, the CS pin is pull-up to VCC through an
internal resistor.
Auto Power Down recovery
The IC continues to operate even after the
overdischarge state has been entered. The battery
voltage rising to the overdischarge release
voltage(VODR) or higher is the only required
condition for the IC to return to the normal state.
Supervising charger voltage
By supervising the charge voltage, charging can be
prohibited instantly when a charger with overvoltage
is connevted. The charger voltage detection circuit
supervises the voltage between the VDD and CSI
pins. When this voltage exceeds Vdet(Vdet <
(VDD – VCSI)),regardless of the battery voltage,the
charge FET control pin output alow level(CSI
level)signal and the charge FET is turned off. When
the charger voltage drops to Vrec or lower, the
charger FET control output level is dependent on
battery voltage.
Note: When a battery is connected to FS325
for the first time, it may not enter the normal
condition
(dischargeable
may
not
be
enabled). In this case, short the CS and VSS
pins or connect to a charger to restore to
the normal condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com