Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES8288 Datasheet(PDF) 11 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 11 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
11
Reg. 22
NGTH
NGG
NGAT
Reg. 43
slrck
Lrck_sel
Adc_dll_pwd
6.1
Chip Control and Power Management
6.1.1
Register 0 – Chip Control 1, Default 0000 0110
Bit Name
Bit
Description
SCPReset
7
0 – normal (default)
1 – reset control port register to default
LRCM
6
0 – ALRCK disabled when both ADC disabled; DLRCK disabled when both DAC disabled (default)
1 – ALRCK and DLRCK disabled when all ADC and DAC disabled
SeqEn
3
0 – internal power up/down sequence disable (default)
1 – internal power up/down sequence enable
EnRef
2
0 – disable reference
1 – enable reference (default)
VMIDSEL
1:0
00 – Vmid disabled
01 – 50 k
Ω divider enabled
10 – 500 k
Ω divider enabled (default)
11 – 5 k
Ω divider enabled
6.1.2
Register 1 – Chip Control 2, Default 0001 1100
Bit Name
Bit
Description
TSDEN
7
0 – thermal shutdown disabled (default)
1 – thermal shutdown enabled
PdnOC
6
0 – over current shutdown disabled (default)
1 – over current shutdown enabled
LPVcmMod
5
0 – normal (default)
1 – low power
LPVrefBuf
4
0 – normal
1 – low power (default)
PdnAna
3
0 – normal
1 – entire analog power down (default)
PdnIbiasgen
2
0 – normal
1 – ibiasgen power down (default)
VrefLo
1
0 – normal (default)
1 – low power
PdnVrefbuf
0
0 – normal (default)
1 – power down
6.1.3
Register 2 – Chip Power Management, Default 1100 0011
Bit Name
Bit
Description
adc_DigPDN
7
0 – normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com