Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES8288 Datasheet(PDF) 13 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 13 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
13
VSEL
6:0
1111100 – normal (default)
6.1.8
Register 8 – Master Mode Control, Default 1000 0000
Bit Name
Bit
Description
MSC
7
0 – slave serial port mode
1 – master serial port mode (default)
MCLKDIV2
6
0 – MCLK not divide (default)
1 – MCLK divide by 2
BCLK_INV
5
0 – normal (default)
1 – BCLK inverted
BCLKDIV
4:0
00000 – master mode BCLK generated automatically based on the clock table (default)
Others – MCLK/N, N=1~31
6.2
ADC Control
6.2.1
Register 9 – ADC Control 1, Default 0000 0000
Bit Name
Bit
Description
MicAmpL
7:4
Left channel PGA gain
0000 – 0 dB (default)
0001 – +3 dB
0010 – +6 dB
0011 – +9 dB
0100 – +12 dB
0101 – +15 dB
0110 – +18 dB
0111 – +21 dB
1000 – +24 dB
MicAmpR
3:0
Right channel PGA gain
0000 – 0dB (default)
0001 – +3 dB
0010 – +6 dB
0011 – +9 dB
0100 – +12 dB
0101 – +15 dB
0110 – +18 dB
0111 – +21 dB
1000 – +24 dB
6.2.2
Register 10 – ADC Control 2, Default 0000 0000
Bit Name
Bit
Description
LINSEL
7:6
Left channel input select
00 – LINPUT1 (default)
01 – LINPUT2
10 – LINPUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com