Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD128MX Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FD128MX
Description  Single Phase Smart DC Motor Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD128MX Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FD128MX Datasheet HTML 1Page - Feeling Technology Corp. FD128MX Datasheet HTML 2Page - Feeling Technology Corp. FD128MX Datasheet HTML 3Page - Feeling Technology Corp. FD128MX Datasheet HTML 4Page - Feeling Technology Corp. FD128MX Datasheet HTML 5Page - Feeling Technology Corp. FD128MX Datasheet HTML 6Page - Feeling Technology Corp. FD128MX Datasheet HTML 7Page - Feeling Technology Corp. FD128MX Datasheet HTML 8Page - Feeling Technology Corp. FD128MX Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FD128MX/FD128NX
Technology
Single Phase Smart DC Motor Driver IC
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev0.6 Aug. 01, 2008
P.1
General Description
The FD128 series is a direct PWM drive IC with single-phase and bipolar drive. The
IC is suitable for variable speed control Fan of PC.
Features
Single-phase coil driver, applied to fan or motor.
Lock function built-in and a lock detect output signal (RD).
Thermistor or PWM modes are available for speed control.
An external capacitor (CO) is necessary for lock function.
An external capacitor (CP = 47pf) for internal 25KHz saw-tooth wave
Thermal Shutdown built-in.
Hall IC input (INN) can use as rotation output (FG)
Internal minimum speed
Function Block Diagram
Lock Detect
Oscillation
Circuit
TSD
Regulator
Controller
CO
VDD
INN
VSET
CP
GND
NO
SO
VL
RD


Similar Part No. - FD128MX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD1200R17HP4-K_B2 INFINEON-FD1200R17HP4-K_B2 Datasheet
664Kb / 12P
Technische Information / Technical Information
2016-01-21 revision:V3.1
logo
Power Integrations, Inc...
FD1200R17HP4-K_B2 POWERINT-FD1200R17HP4-K_B2 Datasheet
220Kb / 9P
SCALE-2 Plug-and-Play Drivers
2019-03-20
logo
Infineon Technologies A...
FD1200R17HP4-K_B2 INFINEON-FD1200R17HP4-K_B2 Datasheet
617Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-21
logo
eupec GmbH
FD1200R17KE3-K EUPEC-FD1200R17KE3-K Datasheet
244Kb / 7P
IGBT-modules
logo
Infineon Technologies A...
FD1200R17KE3-K INFINEON-FD1200R17KE3-K Datasheet
525Kb / 10P
IGBT, Brems-Chopper / IGBT, Brake-Chopper
revision: 2.1 2013-10-03
More results

Similar Description - FD128MX

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
logo
List of Unclassifed Man...
NJU7325 ETC-NJU7325 Datasheet
58Kb / 3P
Single-Phase DC Brushless Motor Driver IC
logo
New Japan Radio
NJU7329A NJRC-NJU7329A Datasheet
132Kb / 9P
Single-phase DC Brushless Motor Driver IC
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7365 NJRC-NJU7365 Datasheet
68Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
Single-phase DC Brushless Motor Driver IC
NJU7325R-TE1 NJRC-NJU7325R-TE1 Datasheet
52Kb / 4P
Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com