Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD128MX Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FD128MX
Description  Single Phase Smart DC Motor Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD128MX Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FD128MX Datasheet HTML 1Page - Feeling Technology Corp. FD128MX Datasheet HTML 2Page - Feeling Technology Corp. FD128MX Datasheet HTML 3Page - Feeling Technology Corp. FD128MX Datasheet HTML 4Page - Feeling Technology Corp. FD128MX Datasheet HTML 5Page - Feeling Technology Corp. FD128MX Datasheet HTML 6Page - Feeling Technology Corp. FD128MX Datasheet HTML 7Page - Feeling Technology Corp. FD128MX Datasheet HTML 8Page - Feeling Technology Corp. FD128MX Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FD128MX/FD128NX
Technology
Single Phase Smart DC Motor Driver IC
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev0.6 Aug. 01, 2008
P.2
Pin Assignment
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VCCmax
20
V
Output Current
IOUTmax
1.0
A
Output Supply Voltage
VOUTmax
20
V
VSET input Range
VSETmax
Vcc-1.0V
19
V
RD output supply voltage
VRD
20
V
RD output current
IRDmax
20
mA
Maximum power dissipation
Pdmax
For exposed pad
2.4
W
Output continous current
Icon
500
mA
Outpur lock current
Ick
900
mA
Outpur Peak current
IPeak
<100us
1000
mA
Thermal shutdown protect
Tsd
Chip inner thermal
>150
℃
Operating Temperature
Topr
-20 to 125
℃
Storage Temperature
Tstg
150
℃
Junction Temperature
TJ
150
℃
Thermal resistor
θJC
10.8
℃/W
Thermal resistor
θJA
54
℃/W
FD128NX
FD128MX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com