Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2802S Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT2802S
Description  Built-in 800V power BJT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2802S Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT2802S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HT2802S
3/8
High performance primary sensing regulator (PSR)
www.hotchip.com.cn
Ver1.0
Ovp
&
Osp
Regulator
&
Blas
Tonsec
Detector
CV
cortrol
Drive
Control
CC
Control
Noise
suppressi
on
AC Voltage
Compensation
VCC
FB
Startup&Uvlo
pmf
Tons
3v
Logic
Tons
Buffer
Noise
Suppression
Cable
Compensation
Peak current
control&Leb
CPC
GND
CS
HV
ABSOLUTE MAXIMUM RATINGS
Internal power BJT Vcbo
800V
BJT Ic Peak Current:
1.5A
VCC Pin Voltage
8.6V
FB Pin Voltage
7V
Others Pin Voltage
Vcc+0.3V
Operating Temperature (Tj)
0~+140℃
Storage Temperature
-55~+150℃
ESD (Human Body Mode)
3000V
Lead Temperature
+260℃/10S
Note 1: Stresses beyond those listed under “absolute maximum ratings” may cause permanent
damage to the device. Under “recommended operating conditions” the device operation is
assured, but some particular parameter may not be achieved.
FUNCTIONAL BlOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com