Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2802S Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT2802S
Description  Built-in 800V power BJT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2802S Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT2802S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2802S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT2802S
1/8
High performance primary sensing regulator (PSR)
www.hotchip.com.cn
Ver1.0
TYPICAL APPLICATION CIRCUITRY
GENERAL DESCRIPTION
HT2802S is high performance primary
sensing
regulation
and
monolithic
switching- mode power controller which is
designed
for
small-
power
supply
equipment with current mode control.
Built-in accurate CV/CC control circuit.
High
integration
design,
a
high
performance
power
BJT
and
PFM
controller and full protection circuits in
single
chip,
to
minimize
external
components and save the cost effectively.
HT2802S can be simply designed a typical
flyback
switch
converter,
the
unique
driving
technology
promotes
the
characteristics of withstand voltage and
achieves excellent converting efficiency
FEATURES
◆ Built-in 800V power BJT;
◆ PSR control, eliminates Opto-coupler
and TL431;
◆ Accurate CV/CC control
◆ Hysteresis over-temperature
protection (OTP) circuit
◆ Higher efficiency and meet Level 6
efficiency standards
◆ Output voltage protection (OVP/UVLO)
◆ < 100 mW no-load consumption
◆ Auto-Restart function
◆ Ultra-low start-up current
◆ Good EMC characteristic allows the
simple EMC circuit
APPLICATIONS
◆ Handset/ Wireless Phone Chargers
◆ DSC/ Tablet Chargers
◆ Power Adaptors with limited output
power
VIN
C1
LP NP
VAUX
Naux
RFB1
RFB2
RCS
HV
Driver
CS
FB
GND
NS
VS
Co
VO
IOUT
Vout
±5%
±10%
Iout
OUTput CC/CV VI Characteristic
+
+
CCPC
CPC


Similar Part No. - HT2802S

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
More results

Similar Description - HT2802S

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2800S HOTCHIP-HT2800S Datasheet
977Kb / 6P
Built- in 700V power BJT
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
logo
SIFIRST TECHNOLOGIES NA...
SF5938S SIFIRST-SF5938S Datasheet
100Kb / 2P
Built-in 600V Power MOSFET
SF6021 SIFIRST-SF6021 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6022 SIFIRST-SF6022 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6772S SIFIRST-SF6772S Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
SF6773V SIFIRST-SF6773V Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
logo
Qorvo, Inc
TGA4509 QORVO-TGA4509 Datasheet
284Kb / 8P
Built-in Power Detector
logo
Renesas Technology Corp
IW1819 RENESAS-IW1819 Datasheet
1Mb / 21P
18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 800V Power BJT
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com