Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3540S Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT3540S
Description  Support 0 V battery charging and prechargIng precIpItatIon mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3540S Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT3540S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3540S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3540S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3540S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3540S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HT3540S
1/5
www.hotchip.com.cn
单节锂离子电池充电管理
Ver1.0
产品概述
HT3540 是一款单节锂离子电池恒压线性充
电 IC。它采用 SOP8 封装,只需要外接极少的
外部元件,使它能真正的适用于便携式产品的
应用。
由于它有内部完善的 MOSFET 构架,所以
无需外接任何感应电阻和二极管。在大功率负
载或高温环境下工作时,热反馈将自动控制充
电电流,从而控制晶片的温度。
主要特点
预设 4.23V 充电截止电压
无需外接 MOSFET、感应电阻和二极管
最大输入电压:8V
充电电流可达 400mA
支持对 0V 电池充电,并有涓流预充电模式,
更好的保护电池
短路保护功能
过温保护功能
高度集成,极少的外围器件;
典型应用
◆ PDA,MP3 播放器
玩具
充电器
蓝牙设备
典型应用电路图
Vin
C1
104
L2
LED
L1
LED
6
7
2
3
4
5
L2
L1
SET
GND
B+
VDD
C2
104
BAT
图 4.1 双灯闪灯模式
IN
BAT
L1
L2
断开
接入
接入
断开
接入
BAT<4.18V
闪烁
接入
BAT>4.18V
表4.1 单灯模式电路指示灯状态


Similar Part No. - HT3540S

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT3503L HYES-HT3503L Datasheet
987Kb / 33P
LCD MODULE (320 횞 RGB 횞 240)
HT3503L-T HYES-HT3503L-T Datasheet
884Kb / 23P
LCD MODULE (320 횞 RGB 횞 240) With Touch Screen
HT3503LH HYES-HT3503LH Datasheet
1,004Kb / 33P
LCD MODULE (320 횞 RGB 횞 240) High Brightness
HT3503LH-01 HYES-HT3503LH-01 Datasheet
990Kb / 33P
LCD MODULE (320 횞 RGB 횞 240) High Brightness
logo
Hotchip Technology Co.,...
HT3550 HOTCHIP-HT3550 Datasheet
1Mb / 6P
TrIvIal flow / constant flow / constant 3 charge, charging current can be adjustable
More results

Similar Description - HT3540S

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1214 MITSUMI-MM1214 Datasheet
105Kb / 4P
Control of Lithium Ion Battery Charging and Discharging
logo
Sanyo Semicon Device
EFC6601R SANYO-EFC6601R Datasheet
422Kb / 8P
Lithium-ion battery charging and discharging switch
EFC6602R SANYO-EFC6602R Datasheet
421Kb / 8P
Lithium-ion battery charging and discharging switch
logo
OSRAM GmbH
LEDINSPECTPROPOCKET280 OSRAM-LEDINSPECTPROPOCKET280 Datasheet
146Kb / 3P
Charging indicator and battery status display
logo
STMicroelectronics
TM8050H-8W STMICROELECTRONICS-TM8050H-8W Datasheet
361Kb / 9P
Battery charging system
May 2016 Rev 1
logo
Billiton Ltd.
TP5100 ASIC-TP5100 Datasheet
1Mb / 15P
2 A switch down 8.4 V / 4.2 V battery battery charging chip
TP5400 ASIC-TP5400 Datasheet
563Kb / 9P
1 A lithium battery charging and 5 V / 1 liter control chip
logo
Shanghai awinic technol...
AW3208 AWINIC-AW3208 Datasheet
1Mb / 15P
IonIzatIon mode lithium ion battery charging protection controller
logo
Texas Instruments
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
logo
Shenzhen Huazhimei Semi...
HM4093 HMSEMI-HM4093 Datasheet
1Mb / 11P
Switch-mode battery charging controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com