Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3540S Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT3540S
Description  Support 0 V battery charging and prechargIng precIpItatIon mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3540S Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT3540S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3540S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3540S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3540S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3540S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HT3540S
2/5
单节锂离子电池充电管理
www.hotchip.com.cn
Ver1.0
Vin
C1
104
L2
LED
L1
LED
6
7
2
3
4
5
L2
L1
SET
GND
B+
VDD
C2
104
BAT
图4.2 双灯长亮模式(L2可接七彩灯)
VIN
BAT
L1
L2
断开
接入
接入
断开
接入
BAT<4.18V
接入
BAT>4.18V
表4.2 双灯模式电路指示灯状态
引脚定义
引脚
引脚
功能说明
NC
1
NC
SEL
2
功能选择(接VDD充电时L1输出脉冲波形,接GND充电时L1为
高电平)
GND
3
电源负极(地端)
B+
4
电池正极
VDD
5
电源正极
L2
6
饱和指示灯引脚
L1
7
充电指示灯引脚
TS
8
测试脚
5
INV
GND
VDD
1
2
3
4
6
SEL
L1
L2
B+
7
8
NC
TS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com