Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3582 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT3582
Description  Internal reference source Adjusted idler voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3582 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT3582 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3582 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3582 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3582 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3582 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3582 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT3582D
1/6
万能充电器控制芯片
www.hotchip.com.cn
Ver1.0
产品概述
HT3582D 是一款内置基准电压的万能充电器控
制芯片,具有自动识别电池极性、短路保护、过温保
护等功能。
主要特点
内置基准源,空载时稳压输出,无须外围元器件
调整空载电压
支持普通三灯模式及二灯模式、七彩灯模式
最大充电电流:400mA
支持对 0V 电池充电(电池正接),并有涓流预
充电模式,更好的保护电池
电池快充满时切换到恒压充电模式,电池可以充
得更满
自动识别电池极性
短路保护功能
过温保护功能
预充电功能
高度集成,极少的外围器件
典型应用电路图
D1
C1
220uF/16V
L3
LED
L2
LED
L1
LED
C3
104
C2
104
U1
BAT+
BAT-
T1
VDD
IN5819/IN4148
8
7
6
5
1
2
3
4
HT3582D
BTN-
L3
L2
L1
SW
BTP+
GND
VDD
图 4.1 注:HT3582D 普通 3 灯应用方案(如将 L3 去掉,则为普通二灯模式)


Similar Part No. - HT3582

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT3582DA HOTCHIP-HT3582DA Datasheet
296Kb / 6P
All-purpose charger
HT3582DM HOTCHIP-HT3582DM Datasheet
1,004Kb / 6P
Built-in reference source
More results

Similar Description - HT3582

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN423 ETC-ZN423 Datasheet
240Kb / 8P
PRECISION VOLTAGE REFERENCE SOURCE
logo
Avic Technology
AV431LT1 AVICTEK-AV431LT1 Datasheet
208Kb / 4P
Adjustable Reference Source
logo
Torex Semiconductor
XC62RP TOREX-XC62RP Datasheet
1Mb / 14P
Positive Voltage Regulators for Voltage Reference Source
logo
Guangdong Kexin Industr...
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Texas Instruments
DAC7562 TI1-DAC7562_15 Datasheet
1Mb / 60P
Internal Reference
DAC7562T TI1-DAC7562T Datasheet
1Mb / 60P
Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
Internal Bandgap Reference
08/20/13
logo
CRYSTEK CORPORATION
CRFS75-2500 CRYSTEKMICROWAVE-CRFS75-2500 Datasheet
248Kb / 3P
Phase Locked Clock Source With Internal Reference
logo
Guangdong Youtai Semico...
SG3524 UMW-SG3524 Datasheet
1Mb / 8P
With 5V reference voltage source.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com