Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD0259F Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FD0259F
Description  Smart motor driver with embedded Hall sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0259F Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FD0259F Datasheet HTML 1Page - Feeling Technology Corp. FD0259F Datasheet HTML 2Page - Feeling Technology Corp. FD0259F Datasheet HTML 3Page - Feeling Technology Corp. FD0259F Datasheet HTML 4Page - Feeling Technology Corp. FD0259F Datasheet HTML 5Page - Feeling Technology Corp. FD0259F Datasheet HTML 6Page - Feeling Technology Corp. FD0259F Datasheet HTML 7Page - Feeling Technology Corp. FD0259F Datasheet HTML 8Page - Feeling Technology Corp. FD0259F Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FD0259f
Smart motor driver with embedded Hall sensor
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.3 Aug. 12, 2009
P.1
FEELING
TECHNOLOGY
Bias Generator
H-Bridge
MOS Driver
Oscillator
Hall Plate
Reset
Power On
Digital Control Logic
(Event Timer)
Chopper Amplifier
PWM Control
Features
Motor driver with high sensitivity Hall-effect sensor
H-Bridge MOS driver
Lock-shutdown protection & auto-restart function
Built-in tachometer signal output (FG)
“Soft-switch” phase-switching technique to reduce vibration and acoustic noise
Thermal shutdown protection (TSD)
PWM mode variable speed control
Available in TS826 package
For 5V DC motor / FAN systems
General Description
FD0259f is a single-phase full-wave motor driver with embedded Hall-effect sensor. It integrates a H-bridge MOS
driver, a high sensitivity Hall-effect sensor, an event timer for locked rotor detection, and the variable speed control
function with the tachometer or alarm signal output logic into the ultra-small TS826 package, which make the
motors’ PCB (printed circuit board) design easier and the fabrication of small-size DC motors or FANs as simple as
possible.
The external system could read the motor’s speed of rotation from FG signal of FD0259f.
For safety, Lock-shutdown function turns the IC’s internal driver off to avoid over-heating when the rotor is locked,
and the IC will try to re-start the motor after the shutdown interval.
Thermal-shutdown protection (TSD) ensures the internal driver of IC is operating under the safe operating
temperature range.
All the protection mechanisms mentioned above combine to provide a complete protecting scenario in the motor
system and avoid any possible damages and guarantee under a correct and safe operation.
Block Diagram
Figure.1
Halogen Free


Similar Part No. - FD0259F

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FD0250F FEELING-FD0250F Datasheet
211Kb / 11P
Smart motor driver with embedded Hall sensor
FD0250fR-G1 FEELING-FD0250fR-G1 Datasheet
211Kb / 11P
Smart motor driver with embedded Hall sensor
FD0251B FEELING-FD0251B Datasheet
205Kb / 13P
Smart motor driver with embedded Hall sensor
FD0251bVR-G1 FEELING-FD0251bVR-G1 Datasheet
205Kb / 13P
Smart motor driver with embedded Hall sensor
FD0251F FEELING-FD0251F Datasheet
152Kb / 12P
Smart motor driver with embedded Hall sensor
More results

Similar Description - FD0259F

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FD115CH FEELING-FD115CH Datasheet
498Kb / 12P
Smart motor driver with embedded Hall sensor
FD0250F FEELING-FD0250F Datasheet
211Kb / 11P
Smart motor driver with embedded Hall sensor
FD0251B FEELING-FD0251B Datasheet
205Kb / 13P
Smart motor driver with embedded Hall sensor
FD0251F FEELING-FD0251F Datasheet
152Kb / 12P
Smart motor driver with embedded Hall sensor
FD0252B FEELING-FD0252B Datasheet
256Kb / 13P
Smart motor driver with embedded Hall sensor
FD0252F FEELING-FD0252F Datasheet
253Kb / 15P
Smart motor driver with embedded Hall sensor
FD1157AH FEELING-FD1157AH Datasheet
333Kb / 11P
Smart motor driver with embedded Hall sensor
FD1257AH FEELING-FD1257AH Datasheet
272Kb / 12P
Smart motor driver with embedded Hall sensor
FD1257H FEELING-FD1257H Datasheet
317Kb / 10P
Smart motor driver with embedded Hall sensor
FD2257H FEELING-FD2257H Datasheet
251Kb / 12P
Smart motor driver with embedded Hall sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com