Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD0259F Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FD0259F
Description  Smart motor driver with embedded Hall sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0259F Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FD0259F Datasheet HTML 1Page - Feeling Technology Corp. FD0259F Datasheet HTML 2Page - Feeling Technology Corp. FD0259F Datasheet HTML 3Page - Feeling Technology Corp. FD0259F Datasheet HTML 4Page - Feeling Technology Corp. FD0259F Datasheet HTML 5Page - Feeling Technology Corp. FD0259F Datasheet HTML 6Page - Feeling Technology Corp. FD0259F Datasheet HTML 7Page - Feeling Technology Corp. FD0259F Datasheet HTML 8Page - Feeling Technology Corp. FD0259F Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FD0259f
Rev1.3 Aug. 12, 2009
P.2
FEELING
TECHNOLOGY
Pin Connection
Figure.2
Pin Descriptions
Legend: I=input, O=output, I/O=input/output, P=power supply, G=ground
Functional Descriptions
Refer to the block diagram (Figure.1), FD0259f is composed of the following building blocks:
Bias generator
The bias generator provides precise, temperature- and process-insensitive bias references for the analog blocks.
These references guarantee proper operation of the IC under all conditions specified in this specification.
Oscillator
The built-in oscillator provides the clock signal for the digital control logic.
Power On Reset
Used to detect the power-up ramp and reset the digital circuits.
Chopper Amplifier
To achieve a higher magnetic sensitivity the chopper amplifier structure is adopted in this design. Use of this
structure dynamically removes both the offset and flicker noise at the same time.
Digital Control Logic
Hall sensor part – generates magnetic pole signals from the Hall-effect sensor.
Driver part – generates switching signals to the H-Bridge MOS driver.
Timer part – generates an interval of time when rotor locked event is occurred.
Signal part – generates a tachometer signal(FG) output.
Name
I/O
FD0259f
Description
FG
O
1
Tachometer Signal Output
VSS
G
2
Ground
NO
O
3
Driver Output 1
SO
O
4
Driver Output 2
VCC
P
5
Positive Power Supply
VDD
P
6
Positive Power Supply
FD0259f
1
2
3
6
5
4
bi
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com