Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1622 Datasheet(PDF) 13 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1622
Description  LCD powered chip drive
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1622 Datasheet(HTML) 13 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1622 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 12Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 13Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 14Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 15Page - Shenzhen Putianhe Technology Co., Ltd TM1622 Datasheet HTML 16Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
32
32
32
32ⅹ
ⅹ
ⅹ
ⅹ8
LCD
8
LCD
8
LCD
8
LCD 驱动专用芯片
驱动专用芯片
驱动专用芯片
驱动专用芯片 TM1622
TM1622
TM1622
TM1622
13
www.szpth.com
V1.2
封装示意图
封装示意图
封装示意图
封装示意图(
(
(
(L
LL
LQFP44
QFP44
QFP44
QFP44
10mm*10mm
10mm*10mm
10mm*10mm
10mm*10mm)
)
)
)
D
D1
e
b
L
Dimensions In Millimeters
Dimensions In Inches
`
Min
Max
Min
Max
A
1.600
0.063
A1
0.100
0.250
0.004
0.010
A2
1.350
1.450
0.053
0.057
b
0.200
0.400
0.008
0.016
C
0.100
0.250
0.004
0.008
D
9.900
10.100
0.390
0.398
D1
13.000
13.400
0.512
0.528
E
9.900
10.100
0.390
0.398
E1
13.000
13.400
0.512
0.528
e
0.800(BSC)
0.031(BSC)
L
1.050
1.350
0.041
0.053
θ
0°
7°
0°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com